| Zakładka z wyszukiwarką danych komponentów |
|
B65807-J-R30 Arkusz danych(PDF) 12 Page - EPCOS |
|
|
|||||||||||||||||||||||||||||
B65807-J-R30 Arkusz danych(HTML) 12 Page - EPCOS |
|
12 / 13 page ![]() 213 08/01 Adjusting screw I Tube core with thread and core brake made of GFR polyterephthalate Plastic adjusting screwdriver (not shown) Plastic handle for adjusting screwdriver (not shown) Adjusting screws ab c Core RM 6 Adjusting screw Min. adjusting range % Ordering code Fig. Tube core Mate- rial AL value nH ∅ × length mm Mate- rial Color code K 1 40 a 2,62 × 3,7 Si 1 white 15 B65659-F1-X101 M 33 63 a 2,62 × 3,7 Si 1 white 17 B65659-F1-X101 100 c 2,82 × 4,4 Si 1 brown 16 B65659-F4-X101 N 48 160 a 2,62 × 3,7 K 1 green 17 B65659-F1-X1 250 a 2,62 × 3,7 N 22 red 11 B65659-F1-X23 315 b 2,75 × 4,4 N 22 black 13 B65659-F3-X23 400 c 2,82 × 4,4 N 22 yellow 11 B65659-F4-X23 Adjusting screwdriver B63399-B4 Handle B63399-B5 B65659 B63399 Accessories RM 6 |