Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

V992AI Arkusz danych(PDF) 16 Page - STMicroelectronics

Numer części V992AI
Szczegółowy opis  Rail-to-rail input/output 20MHz GBP operational amplifiers
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

V992AI Arkusz danych(HTML) 16 Page - STMicroelectronics

Back Button V992AI Datasheet HTML 10Page - STMicroelectronics V992AI Datasheet HTML 11Page - STMicroelectronics V992AI Datasheet HTML 12Page - STMicroelectronics V992AI Datasheet HTML 13Page - STMicroelectronics V992AI Datasheet HTML 14Page - STMicroelectronics V992AI Datasheet HTML 15Page - STMicroelectronics V992AI Datasheet HTML 16Page - STMicroelectronics V992AI Datasheet HTML 17Page - STMicroelectronics V992AI Datasheet HTML 18Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 16 / 18 page
background image
Ordering information
TSV991-TSV992-TSV994
16/18
4
Ordering information
Part number
Temperature range
Package
Packing
Marking
TSV991ILT
-40°C to +125°C
SOT23-5
Tape & reel
K130
TSV991AILT
K129
TSV992IST
MiniSO-8
K132
TSV992AIST
K135
TSV992ID
TSV992IDT
SO-8
Tube or tape & reel
V992I
TSV992AID
TSV992AIDT
V992AI
TSV994IPT
TSSOP14
Tape & reel
V994I
TSV994AIPT
V994AI
TSV994ID
TSV994IDT
SO-14
Tube or tape & reel
V994I
TSV994AID
TSV994AIDT
V994AI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18