| Zakładka z wyszukiwarką danych komponentów |
|
TL431BQLP Arkusz danych(PDF) 14 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
TL431BQLP Arkusz danych(HTML) 14 Page - Texas Instruments |
|
14 / 78 page ![]() 7.13 Electrical Characteristics, TL431BQ, TL432BQ over recommended operating conditions, TA = 25°C (unless otherwise noted) PARAMETER TEST CIRCUIT TEST CONDITIONS MIN TYP MAX UNIT Vref Reference Voltage See Figure 8-1 VKA = Vref, IKA = 10 mA 2483 2495 2507 mV VI(dev) Deviation of reference input voltage over full temperature range (1) See Figure 8-1 VKA = Vref, IKA = 10 mA 14 34 mV ΔVref / ΔVKA Ratio of change in reference voltage to the change in cathode voltage See Figure 8-2 IKA = 10 mA ΔVKA = 10 V - Vref –1.4 –2.7 mV/V ΔVKA = 36 V - 10 V –1 –2 mV/V Iref Reference Input Current See Figure 8-2 IKA = 10 mA, R1 = 10kΩ, R2 = ∞ 2 4 µA II(dev) Deviation of reference input current over full temperature range (1) See Figure 8-2 IKA = 10 mA, R1 = 10kΩ, R2 = ∞ 0.8 2.5 µA Imin Minimum cathode current for regulation See Figure 8-1 VKA = Vref 0.4 0.7 mA Ioff Off-state cathode current See Figure 8-3 VKA = 36 V, Vref = 0 0.1 0.5 µA |ZKA| Dynamic Impedance (2) See Figure 8-1 VKA = Vref, f ≤ 1 kHz, IKA = 1 mA to 100 mA 0.2 0.5 Ω (1) The deviation parameters VI(dev) and II(dev) are defined as the differences between the maximum and minimum values obtained over the rated temperature range. For more details on VI(dev) and how it relates to the average temperature coefficient, see Temperature Coefficient. (2) The dynamic impedance is defined by |ZKA| = ΔVKA/ΔIKA. For more details on |ZKA| and how it relates to VKA, see Dynamic Impedance. TL431, TL432 SLVS543R – AUGUST 2004 – REVISED OCTOBER 2023 www.ti.com 14 Submit Document Feedback Copyright © 2023 Texas Instruments Incorporated Product Folder Links: TL431 TL432 |