Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SC129M Arkusz danych(PDF) 2 Page - Inchange Semiconductor Company Limited

Numer części SC129M
Szczegółowy opis  isc Triacs
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ISC [Inchange Semiconductor Company Limited]
Strona internetowa  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

SC129M Arkusz danych(HTML) 2 Page - Inchange Semiconductor Company Limited

  SC129M Datasheet HTML 1Page - Inchange Semiconductor Company Limited SC129M Datasheet HTML 2Page - Inchange Semiconductor Company Limited SC129M Datasheet HTML 3Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
isc Triacs
SC129M
www.iscsemi.com
2
ELECTRICAL CHARACTERISTICS (TC=25℃ unless otherwise specified)
SYMBOL
PARAMETER
CONDITIONS
MAX
UNIT
IRRM
Repetitive peak reverse current
VR=VRRM,
VR=VRRM, Tj=125℃
0.1
1.0
mA
IDRM
Repetitive peak off-state current
VR=VRRM,
VR=VRRM, Tj=125℃
0.1
1.0
mA
IGT
Gate trigger current
Ⅰ
VD=12V, RL = 30 Ω
50
mA
Ⅱ
50
Ⅲ
50
IH
Holding current
IGT= 500mA
80
mA
VGT
Gate trigger voltage all quadrant
VD=12V, RL = 30 Ω
1.5
V
VTM
On-state voltage
IT=35A, tp= 380us
1.55
V
PACKAGE OUTLINE
Dimensions in mm



Html Pages

1 2 3


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com