| Zakładka z wyszukiwarką danych komponentów |
|
AD9516-4/PCBZ Arkusz danych(PDF) 10 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD9516-4/PCBZ Arkusz danych(HTML) 10 Page - Analog Devices |
|
10 / 84 page ![]() AD9516-4 Rev. 0 | Page 10 of 84 Parameter Min Typ Max Unit Test Conditions/Comments VCO = 1450 MHz; OUTPUT = 1450 MHz @ 1 kHz Offset −61 dBc/Hz @ 10 kHz Offset −90 dBc/Hz @ 100 kHz Offset −113 dBc/Hz @ 1 MHz Offset −131 dBc/Hz @ 10 MHz Offset −144 dBc/Hz @ 40 MHz Offset −148 dBc/Hz CLOCK OUTPUT ABSOLUTE TIME JITTER (CLOCK GENERATION USING INTERNAL VCO) Table 8. Parameter Min Typ Max Unit Test Conditions/Comments LVPECL OUTPUT ABSOLUTE TIME JITTER Application example based on a typical setup where the reference source is clean, so a wider PLL loop bandwidth is used; reference = 15.36 MHz; R = 1 VCO = 1475 MHz; LVPECL = 491.52 MHz; PLL LBW = 135 kHz 135 fS rms Integration BW = 200 kHz to 10 MHz 275 fS rms Integration BW = 12 kHz to 20 MHz VCO = 1475 MHz; LVPECL = 122.88 MHz; PLL LBW = 135 kHz 145 fS rms Integration BW = 200 kHz to 10 MHz 275 fS rms Integration BW = 12 kHz to 20 MHz VCO = 1475 MHz; LVPECL = 61.44 MHz; PLL LBW = 135 kHz 170 fS rms Integration BW = 200 kHz to 10 MHz 305 fS rms Integration BW = 12 kHz to 20 MHz CLOCK OUTPUT ABSOLUTE TIME JITTER (CLOCK CLEANUP USING INTERNAL VCO) Table 9. Parameter Min Typ Max Unit Test Conditions/Comments LVPECL OUTPUT ABSOLUTE TIME JITTER Application example based on a typical setup where the reference source is jittery, so a narrower PLL loop bandwidth is used; reference = 10.0 MHz; R = 20 VCO = 1555 MHz; LVPECL = 155.52 MHz; PLL LBW = 500 Hz 500 fS rms Integration BW = 12 kHz to 20 MHz VCO = 1475 MHz; LVPECL = 122.88 MHz; PLL LBW = 500 Hz 400 fS rms Integration BW = 12 kHz to 20 MHz CLOCK OUTPUT ABSOLUTE TIME JITTER (CLOCK GENERATION USING EXTERNAL VCXO) Table 10. Parameter Min Typ Max Unit Test Conditions/Comments LVPECL OUTPUT ABSOLUTE TIME JITTER Application example based on a typical setup using an external 245.76 MHz VCXO (Toyocom TCO-2112); reference = 15.36 MHz; R = 1 LVPECL = 245.76 MHz; PLL LBW = 125 Hz 54 fS rms Integration BW = 200 kHz to 5 MHz 77 fS rms Integration BW = 200 kHz to 10 MHz 109 fS rms Integration BW = 12 kHz to 20 MHz LVPECL = 122.88 MHz; PLL LBW = 125 Hz 79 fS rms Integration BW = 200 kHz to 5 MHz 114 fS rms Integration BW = 200 kHz to 10 MHz 163 fS rms Integration BW = 12 kHz to 20 MHz LVPECL = 61.44 MHz; PLL LBW = 125 Hz 124 fS rms Integration BW = 200 kHz to 5 MHz 176 fS rms Integration BW = 200 kHz to 10 MHz 259 fS rms Integration BW = 12 kHz to 20 MHz |