Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

FAK3LP10B2C2M2QES Arkusz danych(PDF) 2 Page - Apex Electronics Co., Ltd

Numer części FAK3LP10B2C2M2QES
Szczegółowy opis  Foot switch, high operational force, robust mechanism
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  APEX-ELECTRONICS [Apex Electronics Co., Ltd]
Strona internetowa  https://apex-electronics.com/index.php
Logo APEX-ELECTRONICS - Apex Electronics Co., Ltd

FAK3LP10B2C2M2QES Arkusz danych(HTML) 2 Page - Apex Electronics Co., Ltd

  FAK3LP10B2C2M2QES Datasheet HTML 1Page - Apex Electronics Co., Ltd FAK3LP10B2C2M2QES Datasheet HTML 2Page - Apex Electronics Co., Ltd FAK3LP10B2C2M2QES Datasheet HTML 3Page - Apex Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2018 APEX Electronics Ltd. All rights reserved.
www.apex-electronics.com
FAK Series
Foot switch, high operational force, robust mechanism
02
.078
2.00
.527
13.4
Ø
.393
Ø
10
.472
12.0
.472
12.0
.464
11.8
.512
13.0
.138
3.50
.029
0.75
.157
4.00
.039±.008
1.0±0.2
M12*P0.75
.197
5.00
.228
5.80
.334±.012
8.5±0.3
.106
2.70
KEYWAY
.078
2.00
.527
13.4
Ø
.393
Ø
10
.472
12.0
.472
12.0
.464
11.8
.512
13.0
.138
3.50
.029
0.75
.157
4.00
.039±.008
1.0±0.2
M12*P0.75
.197
5.00
.228
5.80
.334±.012
8.5±0.3
.106
2.70
KEYWAY
.197
5.00
.189
4.80
.029
0.75
.078
2.00
.197
5
.039±.008
1.0±0.2
.453
11.5
.610
15.5
.657
16.7
.118
3.00
M12*P0.75
RED EPOXY
SEAL
KEYWAY
.772
19.6
.669
17.0
.417
10.60
.197±.008
5.00±0.2
(4)
(5)
(6)
(1)
(2)
(3)
(9)
(8)
(7)
TERMINATION OPTIONS
Ø
.393
Ø
10
RED EPOXY
SEAL
1
2
3
4
5
6
.197
5.00
RED EPOXY
SEAL
1
2
3
.098
2.50
SWITCH FUNCTION
CONNECTED TERMINALS / SCHEMATIC
MODEL
NO.
NO.
POLES
POS.1
POS.2
SWITCH FUNCTION
POS.1
POS.2
SP
FAKS7
ON
(ON)
FAKSL
ON
ON
ON
(ON)
ON
ON
ON
(ON)
ON
ON
DP
FAKD7
FAKDL
3P
FAK37
FAK3L
2(COMM)
1
4
3
5
6
2 (COMM)
1
4
3
5
6
2(COMM)
1
4
3
5
6
2 (COMM)
1
4
3
5
6
2(COMM)
1
3
2 (COMM)
1
3
7
8
9
7
8
9
2-1,5-4
2-1,5-4,8-7
2-1
2-3,5-6
2-3,5-6,8-9
2-3
( )=MOMENTARY
Part No. Shown : FAKDLP10B1C3M2QES-5
Part No. Shown : FAK3LP20B2C3M2QES-5
3L
DL
Part No. Shown : FAKS7P10B1C3M1QES-5
S7



Html Pages

1 2 3


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com