Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SRE11HT74F1621 Arkusz danych(PDF) 4 Page - Apex Electronics Co., Ltd

Numer części SRE11HT74F1621
Szczegółowy opis  Rotary encoder switch, 11mm diameter, metal shaft & bushing
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  APEX-ELECTRONICS [Apex Electronics Co., Ltd]
Strona internetowa  https://apex-electronics.com/index.php
Logo APEX-ELECTRONICS - Apex Electronics Co., Ltd

SRE11HT74F1621 Arkusz danych(HTML) 4 Page - Apex Electronics Co., Ltd

  SRE11HT74F1621 Datasheet HTML 1Page - Apex Electronics Co., Ltd SRE11HT74F1621 Datasheet HTML 2Page - Apex Electronics Co., Ltd SRE11HT74F1621 Datasheet HTML 3Page - Apex Electronics Co., Ltd SRE11HT74F1621 Datasheet HTML 4Page - Apex Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
2018 APEX Electronics Ltd. All rights reserved.
www.apex-electronics.com
SRE11 Series
Rotary encoder switch, 11mm diameter, metal shaft & bushing
04
Model
Dimensions
SRE11VT
with 0.5mm stroke switch
vertical type
SRE11VT
with 1.5mm stroke switch
vertical type



Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com