| Zakładka z wyszukiwarką danych komponentów |
|
TLC2272AMD Arkusz danych(PDF) 2 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
TLC2272AMD Arkusz danych(HTML) 2 Page - Texas Instruments |
|
2 / 67 page ![]() TLC227x, TLC227xA Advanced LinCMOS RAILTORAIL OPERATIONAL AMPLIFIERS SLOS190G − FEBRUARY 1997 − REVISED MAY 2004 2 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 TLC2272 AVAILABLE OPTIONS PACKAGED DEVICES TA VIOmax At 25 °C SMALL OUTLINE† (D) CERAMIC LCC (FK) CERAMIC DIP (JG) PLASTIC DIP (P) TSSOP‡ (PW) CERAMIC FLAT PACK (U) 0 °C to 70°C 950 µV TLC2272ACD — — TLC2272ACP TLC2272ACPW — 0 °C to 70°C 950 µV 2.5 mV TLC2272ACD TLC2272CD — — — — TLC2272ACP TLC2272CP TLC2272CPW — — 950 µV TLC2272AID — — TLC2272AIP — — −40 °C to 125°C 950 µV 2.5 mV TLC2272AID TLC2272ID — — — — TLC2272AIP TLC2272IP TLC2272IPW — — −40 °C to 125°C 950 µV TLC2272AQD — — — TLC2272AQPW — 950 µV 2.5 mV TLC2272AQD TLC2272QD — — — — — TLC2272AQPW TLC2272QPW — — −55 °C to 125°C 950 µV TLC2272AMD TLC2272AMFK TLC2272AMJG TLC2272AMP — TLC2272AMU −55 °C to 125°C 950 µV 2.5 mV TLC2272AMD TLC2272MD TLC2272AMFK TLC2272MFK TLC2272AMJG TLC2272MJG TLC2272AMP TLC2272MP — TLC2272AMU TLC2272MU † The D packages are available taped and reeled. Add R suffix to the device type (e.g., TLC2272CDR). ‡ The PW package is available taped and reeled. Add R suffix to the device type (e.g., TLC2272PWR). § Chips are tested at 25°C. TLC2274 AVAILABLE OPTIONS PACKAGED DEVICES TA VIOmax AT 25 °C SMALL OUTLINE† (D) CERAMIC LCC (FK) CERAMIC DIP (J) PLASTIC DIP (N) TSSOP‡ (PW) CERAMIC FLAT PACK (W) 0 °C to 70°C 950 µV TLC2274ACD — — TLC2274ACN TLC2274ACPW — 0 °C to 70°C 950 µV 2.5 mV TLC2274ACD TLC2274CD — — TLC2274ACN TLC2274CN TLC2274ACPW TLC2274CPW — 950 µV TLC2274AID — — TLC2274AIN TLC2274AIPW — −40 °C to 125°C 950 µV 2.5 mV TLC2274AID TLC2274ID — — TLC2274AIN TLC2274IN TLC2274AIPW TLC2274IPW — −40 °C to 125°C 950 µV TLC2274AQD — — — — — 950 µV 2.5 mV TLC2274AQD TLC2274QD — — — — — −55 °C to 125°C 950 µV TLC2274AMD TLC2274AMFK TLC2274AMJ TLC2274AMN — TLC2274AMW −55 °C to 125°C 950 µV 2.5 mV TLC2274AMD TLC2274MD TLC2274AMFK TLC2274MFK TLC2274AMJ TLC2274MJ TLC2274AMN TLC2274MN — TLC2274AMW TLC2274MW † The D packages are available taped and reeled. Add R suffix to device type (e.g., TLC2274CDR). ‡ The PW package is available taped and reeled. § Chips are tested at 25°C. |