| Zakładka z wyszukiwarką danych komponentów |
|
STMD1 Arkusz danych(PDF) 3 Page - Apex Electronics Co., Ltd |
|
|
|||||||||||||||||||||||||||||
STMD1 Arkusz danych(HTML) 3 Page - Apex Electronics Co., Ltd |
|
3 / 6 page ![]() 2018 APEX Electronics Ltd. All rights reserved. www.apex-electronics.com STM Series Miniature toggle switches 03 .337 8.56 .215 5.44 .567 14.40 LOCKED .630 16.00 UNLOCKED .030 0.76 .579 14.73 LOCKED .215 5.44 .640 16.26 UNLOCKED .337 8.56 .030 0.76 1/4-40 UNS-2A 1/4-40 UNS-2A TL1B25 TL2B25 1. 2. .110 2.79 .160 4.06 .160 4.06 .030 0.76 .060 1.52 EPOXY SEAL .160 4.06 .060 1.52 .030 0.76 EPOXY SEAL EPOXY SEAL .030 0.76 EPOXY SEAL .130 3.30 .030 0.76 .130 3.30 .200 5.08 .110 2.79 .370 9.40 .220 5.59 Ø .100 Ø 2.54 .310 7.87 Ø .100 Ø 2.54 .220 5.59 .220 5.59 .310 7.87 .290 7.37 Ø .100 Ø 2.54 Ø .100 Ø 2.54 Ø .100 Ø 2.54 .410 10.41 .220 5.59 .210 5.33 .020(0.51) THK. .020(0.51) THK. .020(0.51) THK. .030 0.76 EPOXY SEAL .600 15.24 .060 1.53 .260 6.60 .244 6.20 .040 1.02 .028 0.71 .020 0.51 Ø .280 Ø 7.10 .225 5.72 .020 0.51 .310 7.87 .173 4.39 Ø .236 Ø 6.00 .020 0.51 .220 5.59 .015 0.38 .030 0.76 Ø .236 Ø 6.00 .020 0.51 .220 5.59 Ø .280 Ø 7.10 Double Pole Double Pole T1 T2 T3 T4 T5 1/4-40 UNS-2A B2 NON-THD B1 THD 10-48 UNS-2A B5 THD B6 NON-THD 10-48 UNS-2A B4 NON-THD B3 THD B8 NON-THD B7 THD 1/4-40 UNS-2A 1. 2 Positions Lock 2. 3 Positions Lock T1,T2,T3 Actuator shown with B1 to B4 bushing, subtract 0.09 ( 2.29 ) for B5 bushing, subtract 0.04 ( 1.02 ) for B7 bushing. T4,T5 Actuator shown with B5,B6 bushing, add 0.09 ( 2.29 ) for B1 to B3 bushing, add 0.05 ( 1.27 ) for B7 bushing. Std for M1,M2 Terminal sub .016(.040) for M6,M7,VSX NONE: M2 PC Thru-hole M1 Solder lug M5 Wire Wrap ACTUATOR OPTIONS BUSHING OPTIONS TERMINATION OPTIONS |