| Zakładka z wyszukiwarką danych komponentów |
|
FCP-P003 Arkusz danych(PDF) 2 Page - Apex Electronics Co., Ltd |
|
|
|||||||||||||||||||||||||||||
FCP-P003 Arkusz danych(HTML) 2 Page - Apex Electronics Co., Ltd |
|
2 / 6 page ![]() 2018 APEX Electronics Ltd. All rights reserved. www.apex-electronics.com 02 PAA Series Pushbutton Switches, 1M cycles, optional LED, IP67 PAAS6 MODEL NO. SP MOM=MOMENTARY NO. POLES MOM OFF POS.1 POS.2 SWITCH FUNCTION 2 . S O P 1 . S O P SCHEMATIC PAAS7 ) M O M ( F F O P S ON OPEN 1-3 OPEN 1-3 CONNECTED TERMINALS SWITCH FUNCTION BUSHING TYPE TERMINATION OPTIONS CAP OPTIONS .102 2.59 Ø .472 Ø 12.00 Ø .462 Ø 11.75 .185 4.7 .078 2.0 Ø .472 Ø 12.00 Stain-nickel Stain-chromium Chromium PLATING A Chromium C Stain-chromium D Stain-nickel BUSHING D1 D2 BUSHING PLATING .079 2.00 .047 1.20 .200 5.08 .016 0.40 .138 3.50 .110 2.80 .138 3.50 .200 5.08 .016 0.40 .039 1.00 .110 2.80 .323 8.20 .015 0.40 .200 5.08 .110 2.80 .094 2.40 .047 1.20 M4 PC Thru-hole M1 Solder lug M3 Solder lug ROUND Non-LED FLAT STD HIGH Non-LED * Only for PAAS6 model type,Non-LED * Only for PAAS6 model type,Non-LED * Only for B1,B2,B3,D2 bushing type * Only for B2,D2 bushing and PAAS6 model type 2 D / 2 B 1 B 6 B / 1 D 3 B .689 17.50 Ø .689 Ø 17.50 Ø .689 Ø 17.50 Ø .689 Ø 17.50 M12x0.75 SI M12x0.75 SI .138 3.50 .047 1.20 .087 2.20 |