Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LIS2L06ALTR Arkusz danych(PDF) 6 Page - STMicroelectronics

Numer części LIS2L06ALTR
Szczegółowy opis  MEMS INERTIAL SENSOR:2-axis - /- 2g/6g ultracompact linear accelerometer
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LIS2L06ALTR Arkusz danych(HTML) 6 Page - STMicroelectronics

Back Button LIS2L06ALTR Datasheet HTML 2Page - STMicroelectronics LIS2L06ALTR Datasheet HTML 3Page - STMicroelectronics LIS2L06ALTR Datasheet HTML 4Page - STMicroelectronics LIS2L06ALTR Datasheet HTML 5Page - STMicroelectronics LIS2L06ALTR Datasheet HTML 6Page - STMicroelectronics LIS2L06ALTR Datasheet HTML 7Page - STMicroelectronics LIS2L06ALTR Datasheet HTML 8Page - STMicroelectronics LIS2L06ALTR Datasheet HTML 9Page - STMicroelectronics LIS2L06ALTR Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
Mechanical and electrical specifications
LIS2L06AL
6/17
2.2
Electrical characteristics
4.
Zero-g level and sensitivity are essentially ratiometric to supply voltage.
5.
Guaranteed by design.
6.
Contribution to the measuring output of the inclination/acceleration along any perpendicular axis.
7.
Self test “output voltage change” is defined as Vout(Vst=Logic1)-Vout(Vst=Logic0)
8.
Self test “output voltage change” varies cubically with supply voltage.
9.
When Full Scale is set to ±6g, “self test output voltage change” is one third of the corresponding ± 2g range.
10. Minimum resonance frequency Fres=2.0kHz. Sensor bandwidth=1/(2*
π*110kΩ*Cload) with Cload>1nF.
Table 3.
Electrical Characteristics(1)
(Temperature range -40°C to +85°C) All the parameters are specified @ Vdd =3.3V, T=25°C
unless otherwise noted
Symbol
Parameter
Test Condition
Min.
Typ.(2)
Max.
Unit
Vdd
Supply Voltage
2.4
3.3
5.25
V
Idd
Supply Current
mean value
0.85
1.5
mA
Vst
Self Test Input
Logic 0 level
0
0.3*Vdd
V
Logic 1 level
0.7*Vdd
Vdd
V
Vfs
Full Scale Input
Logic 0 level
0
0.3*Vdd
V
Logic 1 level
0.7*Vdd
Vdd
V
Rout
Output Impedance
80
110
140
k
Ω
Cload
Capacitive Load Drive(3)
1nF
Top
Operating Temperature
Range
-40
+85
°C
1.
The product is factory calibrated at 3.3V
2.
Typical specifications are not guaranteed
3.
Minimum resonance frequency Fres=2.0kHz. Sensor bandwidth=1/(2*
π*110kΩ*Cload) with Cload>1nF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com