| Zakładka z wyszukiwarką danych komponentów |
|
S12SCIV2/D Arkusz danych(PDF) 126 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
S12SCIV2/D Arkusz danych(HTML) 126 Page - Freescale Semiconductor, Inc |
|
126 / 130 page ![]() MC9S12H256 Device User Guide — V01.18 B.2 112-pin LQFP package Figure B-1 112-pin LQFP mechanical dimensions (case no. 987) DIM A MIN MAX 20.000 BSC MILLIMETERS A1 10.000 BSC B 20.000 BSC B1 10.000 BSC C --- 1.600 C1 0.050 0.150 C2 1.350 1.450 D 0.270 0.370 E 0.450 0.750 F 0.270 0.330 G 0.650 BSC J 0.090 0.170 K 0.500 REF P 0.325 BSC R1 0.100 0.200 R2 0.100 0.200 S 22.000 BSC S1 11.000 BSC V 22.000 BSC V1 11.000 BSC Y 0.250 REF Z 1.000 REF AA 0.090 0.160 θ θ θ θ 11 ° 11 ° 13 ° 7 ° 13 ° VIEW Y L-M 0.20 N T 4X 4X 28 TIPS PIN 1 IDENT 1 112 85 84 28 57 29 56 B V V1 B1 A1 S1 A S VIEW AB 0.10 3 C C2 θ 2 θ 0.050 SEATING PLANE GAGE PLANE 1 θ θ VIEW AB C1 (Z) (Y) E (K) R2 R1 0.25 J1 VIEW Y J1 P G 108X 4X SECTION J1-J1 BASE ROTATED 90 COUNTERCLOCKWISE ° METAL J AA F D L-M M 0.13 N T 1 2 3 CL L-M 0.20 N T L N M T T 112X X X=L, M OR N R R NOTES: 1. DIMENSIONING AND TOLERANCING PER ASME Y14.5M, 1994. 2. DIMENSIONS IN MILLIMETERS. 3. DATUMS L, M AND N TO BE DETERMINED AT SEATING PLANE, DATUM T. 4. DIMENSIONS S AND V TO BE DETERMINED AT SEATING PLANE, DATUM T. 5. DIMENSIONS A AND B DO NOT INCLUDE MOLD PROTRUSION. ALLOWABLE PROTRUSION IS 0.25 PER SIDE. DIMENSIONS A AND B INCLUDE MOLD MISMATCH. 6. DIMENSION D DOES NOT INCLUDE DAMBAR PROTRUSION. ALLOWABLE DAMBAR PROTRUSION SHALL NOT CAUSE THE D DIMENSION TO EXCEED 0.46. 8 ° 3 ° 0 ° Freescale Semiconductor, Inc. For More Information On This Product, Go to: www.freescale.com |