| Zakładka z wyszukiwarką danych komponentów |
|
S12SPIV2/D Arkusz danych(PDF) 46 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
S12SPIV2/D Arkusz danych(HTML) 46 Page - Freescale Semiconductor, Inc |
|
46 / 130 page ![]() MC9S12H256 Device User Guide — V01.18 $018E CAN1RXERR Read: RXERR7 RXERR6 RXERR5 RXERR4 RXERR3 RXERR2 RXERR1 RXERR0 Write: $018F CAN1TXERR Read: TXERR7 TXERR6 TXERR5 TXERR4 TXERR3 TXERR2 TXERR1 TXERR0 Write: $0190 - $0193 CAN1IDAR0 - CAN1IDAR3 Read: AC7 AC6 AC5 AC4 AC3 AC2 AC1 AC0 Write: $0194 - $0197 CAN1IDMR0 - CAN1IDMR3 Read: AM7 AM6 AM5 AM4 AM3 AM2 AM1 AM0 Write: $0198 - $019B CAN1IDAR4 - CAN1IDAR7 Read: AC7 AC6 AC5 AC4 AC3 AC2 AC1 AC0 Write: $019C - $019F CAN1IDMR4 - CAN1IDMR7 Read: AM7 AM6 AM5 AM4 AM3 AM2 AM1 AM0 Write: $01A0 - $01AF CAN1RXFG Read: FOREGROUND RECEIVE BUFFER see Table 1-3 Write: $01B0 - $01BF CAN1TXFG Read: FOREGROUND TRANSMIT BUFFER see Table 1-3 Write: Table 1-4 Detailed MSCAN Foreground Receive and Transmit Buffer Layout Address Name Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0 $01A0 Extended ID Read: ID28 ID27 ID26 ID25 ID24 ID23 ID22 ID21 Standard ID Read: ID10 ID9 ID8 ID7 ID6 ID5 ID4 ID3 CAN1RIDR0 Write: $01A1 Extended ID Read: ID20 ID19 ID18 SRR=1 IDE=1 ID17 ID16 ID15 Standard ID Read: ID2 ID1 ID0 RTR IDE=0 CAN1RIDR1 Write: $01A2 Extended ID Read: ID14 ID13 ID12 ID11 ID10 ID9 ID8 ID7 Standard ID Read: CAN1RIDR2 Write: $01A3 Extended ID Read: ID6 ID5 ID4 ID3 ID2 ID1 ID0 RTR Standard ID Read: CAN1RIDR3 Write: $01A4- $01AB CAN1RDSR0 - CAN1RDSR7 Read: DB7 DB6 DB5 DB4 DB3 DB2 DB1 DB0 Write: $01AC CAN1RDLR Read: DLC3 DLC2 DLC1 DLC0 Write: $01AD Reserved Read: Write: $01AE CAN1RTSRH Read: TSR15 TSR14 TSR13 TSR12 TSR11 TSR10 TSR9 TSR8 Write: $01AF CAN1RTSRL Read: TSR7 TSR6 TSR5 TSR4 TSR3 TSR2 TSR1 TSR0 Write: $01B0 Extended ID Read: ID28 ID27 ID26 ID25 ID24 ID23 ID22 ID21 CAN1TIDR0 Write: Standard ID Read: ID10 ID9 ID8 ID7 ID6 ID5 ID4 ID3 Write: $0180 - $01BF CAN1 (Motorola Scalable CAN - MSCAN) Address Name Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0 Freescale Semiconductor, Inc. For More Information On This Product, Go to: www.freescale.com |