| Zakładka z wyszukiwarką danych komponentów |
|
M93C76-RBN6P Arkusz danych(PDF) 13 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
M93C76-RBN6P Arkusz danych(HTML) 13 Page - STMicroelectronics |
|
13 / 31 page ![]() 13/31 M93C86, M93C76, M93C66, M93C56, M93C46 MAXIMUM RATING Stressing the device above the rating listed in the Absolute Maximum Ratings table may cause per- manent damage to the device. These are stress ratings only and operation of the device at these or any other conditions above those indicated in the Operating sections of this specification is not im- plied. Exposure to Absolute Maximum Rating con- ditions for extended periods may affect device reliability. Refer also to the STMicroelectronics SURE Program and other relevant quality docu- ments. Table 8. Absolute Maximum Ratings Note: 1. TLEADmax must not be applied for more than 10s. 2. JEDEC Std JESD22-A114A (C1=100 pF, R1=1500 Ω, R2=500 Ω). Symbol Parameter Min. Max. Unit TA Ambient Operating Temperature –40 130 °C TSTG Storage Temperature –65 150 °C TLEAD PDIP-Specific Lead Temperature during Soldering 260(1) °C VOUT Output range (Q = VOH or Hi-Z) –0.50 VCC+0.5 V VIN Input range –0.50 VCC+1 V VCC Supply Voltage –0.50 6.5 V VESD Electrostatic Discharge Voltage (Human Body model)(2) –4000 4000 V |