| Zakładka z wyszukiwarką danych komponentów |
|
DSP56374UM/D Arkusz danych(PDF) 2 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
DSP56374UM/D Arkusz danych(HTML) 2 Page - Freescale Semiconductor, Inc |
|
2 / 64 page ![]() DSP56374 Data Sheet, Rev. 4.2 Overview Freescale Semiconductor 2 (DMA). The DSP56374 offers 150 million instructions per second (MIPS) using an internal 150 MHz clock. Data Sheet Conventions This data sheet uses the following conventions: OVERBAR Used to indicate a signal that is active when pulled low (For example, the RESET pin is active when low.) “asserted” Means that a high true (active high) signal is high or that a low true (active low) signal is low “deasserted” Means that a high true (active high) signal is low or that a low true (active low) signal is high Examples: Signal/ Symbol Logic State Signal State Voltage* PIN True Asserted VIL / VOL PIN False Deasserted VIH / VOH PIN True Asserted VIH / VOH PIN False Deasserted VIL / VOL Note: *Values for VIL, VOL, VIH, and VOH are defined by individual product specifications. |