| Zakładka z wyszukiwarką danych komponentów |
|
MFS5600AMBAFES Arkusz danych(PDF) 45 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
MFS5600AMBAFES Arkusz danych(HTML) 45 Page - NXP Semiconductors |
|
45 / 118 page ![]() NXP Semiconductors FS5600 Automotive buck regulator and controller with voltage monitors and watchdog timer Parameter Symbol Min Typ Max Unit OTP_VMONx_OVTH[3:0]: Set point Accuracy OTP_ VMONx_OVTH[3:0] = 1101 VMONx_OVTH 108 109.5 111 % OTP_VMONx_OVTH[3:0]: Set point Accuracy OTP_ VMONx_OVTH[3:0] = 1110 VMONx_OVTH 108.5 110 111.5 % OTP_VMONx_OVTH[3:0]: Set point Accuracy OTP_ VMONx_OVTH[3:0] = 1111 VMONx_OVTH 109 110.5 112 % UV Debounce OTP_VMONx_UV_DB[1:0] = 00 VMONx_UVDB 4 5 6 us UV Debounce OTP_VMONx_UV_DB[1:0] = 01 VMONx_UVDB 12 15 18 us UV Debounce OTP_VMONx_UV_DB[1:0] = 10 VMONx_UVDB 24 30 36 us UV Debounce OTP_VMONx_UV_DB[1:0] = 11 VMONx_UVDB 32 40 48 us OV Debounce OTP_VMONx_OV_DB[1:0] = 00 VMONx_OVDB 24 30 36 us OV Debounce OTP_VMONx_OV_DB[1:0] = 01 VMONx_OVDB 40 50 60 us OV Debounce OTP_VMONx_OV_DB[1:0] = 10 VMONx_OVDB 64 80 96 us OV Debounce OTP_VMONx_OV_DB[1:0] = 11 VMONx_OVDB 100 125 150 us Table 37. VMON1-4 electrical specifications...continued 17.3 Watchdog The FS5600 offers a windowed watchdog with Simple and Challenger schemes. The Challenger scheme is available only in the Enhanced ASIL B version. The Watchdog timer is enabled by setting OTP_WD_DIS = 0. The Watchdog timer is disabled if OTP_WD_DIS = 1. When OTP_WD_SELECTION = 0, the Simple scheme is selected. When OTP_WD_SELECTION = 1, the Challenger scheme is selected. In the windowed watchdog, the watchdog duration is split into OPEN and CLOSED windows. The first half of the duration (window) is CLOSED and the second half of the duration (window) is OPEN. A good watchdog refresh must occur during the OPEN window. The following constitute a bad (erroneous) watchdog refresh: • Wrong watchdog answer during the OPEN window • No watchdog refresh during the OPEN window • Good or bad watchdog answer during the CLOSED window. For a watchdog refresh to be considered valid (good), the refresh must occur with the right answer during the right time (OPEN window). This is represented on the figure below. aaa-037158 Bad data Good data None WD_failure WD_failure No issue WD_failure Closed Opened WD_Window Closed window Opened window WD window period with DC configurable WD_OK WD_failure Watchdog Answer (from MCU) Figure 12. Windowed watchdog concept After a good or a bad watchdog refresh, a new window period starts immediately. FS5600 All information provided in this document is subject to legal disclaimers. © 2024 NXP B.V. All rights reserved. Product data sheet Rev. 4 — 29 April 2024 45 / 118 |