Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

EMDC-16-11-75TR Arkusz danych(PDF) 1 Page - Tyco Electronics

Numer części EMDC-16-11-75TR
Szczegółowy opis  E-Series 75Ohm Coupler 5-862 MHz
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MACOM [Tyco Electronics]
Strona internetowa  http://www.macom.com
Logo MACOM - Tyco Electronics

EMDC-16-11-75TR Arkusz danych(HTML) 1 Page - Tyco Electronics

  EMDC-16-11-75TR Datasheet HTML 1Page - Tyco Electronics EMDC-16-11-75TR Datasheet HTML 2Page - Tyco Electronics EMDC-16-11-75TR Datasheet HTML 3Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
16dB 75 Ohm Coupler
5-862MHz
EMDC-16-11-75
M/A-COM Inc. and its affiliates reserve the right to make changes to the
product(s) or information contained herein without notice. M/A-COM makes
no warranty, representation or guarantee regarding the suitability of its
products for any particular purpose, nor does M/A-COM assume any liability
whatsoever arising out of the use or application of any product(s) or
information.
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macom.com for additional data sheets and product information.
V4
1
Features
• Surface Mount
• Coupling 16dB typical
• 260°C Reflow Compatible
• Available on Tape and Reel. Reel quantity 900
Description
M/A-COM’s EMDC-16-11-75 is a high performance
75 Ohm Coupler, in a SM-101 low cost, surface
mount package. The EMDC-16-11-75 is designed
for use in high volume CATV applications. Typical
applications
include
Set-top
Boxes,
Network
Interface Units, Broadband Amplifiers and Headend
equipment.
Ordering Information
Part Number
Package
EMDC-16-11-75TR
900
Note: Reference Application Note M513 for reel size information.
Pin No.
Function
1
Input
2
Ground
3
Coupled
4
Isolated, external 75 Ohms
5
Not Connected
6
Output
* Restrictions on Hazardous Substances, European Union Directive 2002/95/EC.
Dimensions in inches [mm] Tolerance: .xx ± .02, .xxx ± .010
Pin Configuration
Case Style: SM-101


Podobny numer części - EMDC-16-11-75TR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
M/A-COM Technology Solu...
EMDC-16-11-75TR MA-COM-EMDC-16-11-75TR Datasheet
176Kb / 3P
16dB 75 Ohm Coupler 5-862MHz
More results

Podobny opis - EMDC-16-11-75TR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Tyco Electronics
EMDC-10-1-75 MACOM-EMDC-10-1-75 Datasheet
57Kb / 1P
E-Series Coupler 5 - 1000 MHz
EMDC-13-2 MACOM-EMDC-13-2 Datasheet
57Kb / 1P
E-Series Coupler 5 - 1000 MHz
EMDC-17-1-75 MACOM-EMDC-17-1-75 Datasheet
57Kb / 1P
E-Series Coupler 5 - 1000 MHz
EMDC-8-1-75 MACOM-EMDC-8-1-75 Datasheet
57Kb / 1P
E-Series Coupler 5 - 900 MHz
ELDC-6LI MACOM-ELDC-6LI Datasheet
156Kb / 2P
E-Series 75Ohm Coupler 50-870MHz
ELDC-8 MACOM-ELDC-8 Datasheet
165Kb / 2P
E-Series 75Ohm Coupler 5-1000 MHz
EMDC-10-1 MACOM-EMDC-10-1_1 Datasheet
56Kb / 2P
E-Series Coupler 5-1000 MHz
EMDC-16-8-75 MACOM-EMDC-16-8-75 Datasheet
143Kb / 2P
E-Series 75Ohm Coupler 5-862 MHz
EMDC-20-2-75 MACOM-EMDC-20-2-75 Datasheet
151Kb / 1P
E-Series 75Ohm Coupler 40-1000 MHz
logo
M/A-COM Technology Solu...
EMDC-16-8-75 MA-COM-EMDC-16-8-75 Datasheet
158Kb / 2P
E-Series 75 Ohm Coupler 5 - 862 MHz
More results


Html Pages

1 2 3


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com