Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MHAP-PI Arkusz danych(PDF) 1 Page - Festo Corporation.

Numer części MHAP-PI
Szczegółowy opis  Electrical plug base
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FESTO [Festo Corporation.]
Strona internetowa  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

MHAP-PI Arkusz danych(HTML) 1 Page - Festo Corporation.

  MHAP-PI Datasheet HTML 1Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Electrical plug base
MHAP-PI
Part number: 197260
General operating condition
Data sheet
Feature
Value
Type of mounting
Clip
Mounting position
Any
Product weight
4 g
Electrical connection
2-pin
Socket
DC operating voltage range
≤60 V
Current rating
3 A
Cable length
0.5 m
Cable diameter
1 mm
Cable design
2 x 0.14 mm²
Degree of protection
IP40
Ambient temperature
-20 °C ... 80 °C
Ambient temperature with flexible cable installation
-20 °C ... 50 °C
CE marking (see declaration of conformity)
As per EU RoHS directive
UKCA marking (see declaration of conformity)
To UK RoHS instructions
LABS (PWIS) conformity
VDMA24364-B2-L
Note on materials
RoHS-compliant
Housing material
PA
Material of pin contacts
Copper alloy, tin-plated
5/26/24 - Subject to change - Festo SE & Co. KG
1/1


Podobny numer części - MHAP-PI

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Festo Corporation.
MHAP-PI-1 FESTO-MHAP-PI-1 Datasheet
64Kb / 1P
Electrical plug base
More results

Podobny opis - MHAP-PI

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Systemsensor advanced i...
B406B SYSTEMSENSOR-B406B Datasheet
62Kb / 4P
Plug-in Detector Base
B110LP SYSTEMSENSOR-B110LP Datasheet
63Kb / 4P
Plug-in Detector Base
B110RLP SYSTEMSENSOR-B110RLP Datasheet
67Kb / 4P
Plug-in Detector Base
B112LP SYSTEMSENSOR-B112LP Datasheet
70Kb / 4P
Plug-in Detector Base
B114LP SYSTEMSENSOR-B114LP Datasheet
381Kb / 2P
Plug-in Detector Base
B116LP SYSTEMSENSOR-B116LP Datasheet
62Kb / 4P
Plug-in Detector Base
logo
Bothhand USA, LP.
GS5010 BOTHHAND-GS5010 Datasheet
193Kb / 3P
1000 BASE -T ELECTRICAL SPECIFICATIONS
logo
PHOENIX CONTACT
2970015 PHOENIX-2970015 Datasheet
69Kb / 4P
Electronic board base, plug-in module base element
2970028 PHOENIX-2970028 Datasheet
69Kb / 4P
Electronic board base, plug-in module base element
2971535 PHOENIX-2971535 Datasheet
69Kb / 4P
Electronic board base, plug-in module base element
More results


Html Pages

1


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com