| Zakładka z wyszukiwarką danych komponentów |
|
6AS7 Arkusz danych(PDF) 2 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
6AS7 Arkusz danych(HTML) 2 Page - List of Unclassifed Manufacturers |
|
2 / 2 page ![]() Typical Operation, Audio Power Amplifier, Class A, Two Triodes, Push Pull Plate voltage 250 V Zero signal plate current 80 mA Max signal plate current 110 mA Cathode resistor (each triode) 1250 Ohms Peak grid to grid AF signal 250 Vp-p Effective Load resistance 6000 Ohms Power output 10 W GRID 1 VOLTAGE (VOLTS) 200 150 100 50 0 -120 -140 Vp=180 Svetlana 6AS7 Typical Characteristics (for each triode) Filament = 6.3 Volts -100 -80 -60 -40 -20 0 150 120 90 Svetlana 6AS7 Dual Power Triode for High Performance Audio Applications ELECTRON DEVICES Svetlana PLATE VOLTAGE (Vp) 0 250 200 150 100 50 0 +10 100 200 300 Vg = 0v -10 -60 -50 -40 -30 -20 -120 -110 -100 -90 -80 -70 -150 -140 -130 Svetlana 6AS7 Typical Characteristics (for each triode) Filament = 6.3 Volts |