| Zakładka z wyszukiwarką danych komponentów |
|
VG202XM Arkusz danych(PDF) 3 Page - Cisco Systems, Inc. |
|
|
|||||||||||||||||||||||||||||
VG202XM Arkusz danych(HTML) 3 Page - Cisco Systems, Inc. |
|
3 / 9 page ![]() © 2013 Cisco and/or its affiliates. All rights reserved. This document is Cisco Public Information. Page 3 of 9 Figure 5. Cisco Voice Gateway Integration with Cisco Unified Communications Manager Figure 6. Cisco Voice Gateway Integration with Cisco Unified Communications Manager Express Analog Phone Connectivity The Cisco VG350, VG224, VG204XM, and VG202XM are ideal for analog phone deployments ranging from centralized to sparsely concentrated or distributed topologies. These analog voice gateways provide a high level of availability at locations with MGCP fallback, with ease of manageability using Cisco IOS Software monitoring features. They offer many supplementary analog calling features depending on the call control and signaling type used. Refer to Table 1 for the supplementary analog calling features available. Table 1. Analog Supplementary Features Available on Analog Voice Gateways Feature Skinny Client Control Protocol (SCCP) Features with Cisco Unified Communications Manager SCCP Features with Cisco Unified Communications Manager Express Session Initiation Protocol (SIP) Features with Cisco Unified Communications Manager Basic call X X X Call forward all X X Call forward busy X X Call forward cancel X X Call forward no answer X X Call hold or resume X X X |