| Zakładka z wyszukiwarką danych komponentów |
|
IA188EM-PQF100I-R Arkusz danych(PDF) 80 Page - InnovASIC, Inc |
|
|
|||||||||||||||||||||||||||||
IA188EM-PQF100I-R Arkusz danych(HTML) 80 Page - InnovASIC, Inc |
|
80 / 133 page ![]() IA186EM/IA188EM Data Sheet 8/16-BIT Microcontrollers As of Production Version -03 Instruction Opcode - Hex Clock Cycles Flags Affected Mnemonic Description byte 1 byte 2 byte 3-6 IA186 IA188 O D I T S Z A P C PUSHA Push AX, CX, DX, BX, original SP, BP, SI, and DI 60 - - 36 68 - - - - - - - - - PUSHF Push Processor Status Flags reg 9C - - 9 13 - - - - - - - - - Rotate 9 bits of C and r/m8 left once D0 /2 - 2/15 2/15 Rotate 9 bits of C and r/m8 left CL times D2 /2 - 5+n/ 17+n 5+n/ 17+n Rotate 9 bits of C and r/m8 left imm8 times C0 /2 ib - 5+n/ 17+n 5+n/ 17+n Rotate 17 bits of C and r/m16 left once D1 /2 - 2/15 2/15 Rotate 17 bits of C and r/m16 left CL times D3 /2 - 5+n/ 17+n 5+n/ 17+n RCL Rotate 17 bits of C and r/m16 left imm8 times C1 /2 ib - 5+n/ 17+n 5+n/ 17+n - - - - - - - - - Rotate 9 bits of C and r/m8 right once D0 /3 - 2/15 2/15 Rotate 9 bits of C and r/m8 right CL times D2 /3 - 5+n/ 17+n 5+n/ 17+n Rotate 9 bits of C and r/m8 right imm8 times C0 /3 ib - 5+n/ 17+n 5+n/ 17+n Rotate 17 bits of C and r/m16 right once D1 /3 - 2/15 2/15 Rotate 17 bits of C and r/m16 right CL times D3 /3 - 5+n/ 17+n 5+n/ 17+n RCR Rotate 17 bits of C and r/m16 right imm8 times 75 /3 ib - 5+n/ 17+n 5+n/ 17+n - - - - - - - - - Input CX bytes from port in DX to ES : [DI] F3 6C - 8+8n 8+8n REP INS Input CX bytes from port in DX to ES : [DI] F3 6D - 8+8n 12+8n - - - - - - - - - Load CX bytes from segment :[SI] in AL F3 AC - 6+11n 6+11n REP LODS Load CX words from segment :[SI] in AX F3 AD - 6+11n 10+ 11n - - - - - - - - - Copy CX bytes from segments : [SI] to ES:[DI] F3 A4 - 8+8n 8+8n REP MOVS Copy CX words from segments : [SI] to ES:[DI] F3 A5 - 8+8n 12+8n - - - - - - - - - Output CX bytes from DS:[SI] to port in DX F3 6E - 8+8n 8+8n REP OUTS Output CX bytes from DS:[SI] to port in DX F3 6F - 8+8n 12+8n - - - - - - - - - 3737 Princeton NE, Ste 130 • Albuquerque, NM 87107 • Tel 505.883.5263 • Fax 505.883.5477 • www.Innovasic.com |