Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

PS62 Arkusz danych(PDF) 1 Page - SOUTHWEST MICROWAVE, INC.

Numer części PS62
Szczegółowy opis  Power Supply 13.6 VDC at 2.5 Amps
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SOUTHWEST [SOUTHWEST MICROWAVE, INC.]
Strona internetowa  https://southwestmicrowave.com/ssd/
Logo SOUTHWEST - SOUTHWEST MICROWAVE, INC.

PS62 Arkusz danych(HTML) 1 Page - SOUTHWEST MICROWAVE, INC.

  PS62 Datasheet HTML 1Page - SOUTHWEST MICROWAVE, INC. PS62 Datasheet HTML 2Page - SOUTHWEST MICROWAVE, INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Southwest Microwave, Inc
9055 S. McKemy Street
Tempe, AZ 85284
(480) 783-0201 Fax (480) 783-0401
PRODUCT PROFILE # 560B
Product Profile 560B
PS62 Power Supply
9/11/2020
PS62
Power Supply 13.6 VDC at 2.5 Amps
The PS62 is a high reliability, universal AC input/full range power supply with overload, overvoltage and short circuit protection. It
provides 13.6 VDC output at 2.5 Amps from -40° to 158°F (-40° to 70°C). The PS62 can be mounted indoors or mounted outdoors in
a weatherproof enclosure. It is DIN Rail mountable with TS35/7.5 or TS35/15. The input AC and output DC wiring are connected to a
terminal strip. Unit dimensions are 4.53 inches (115mm) L x 1.59 inches (40.38mm) W x 3.60 inches (90mm) H. The unit weighs .33
pounds (150g).
Specifications:
Input
AC input…………………………………………………………….85-264 VAC
Input frequency…………………………………………………….. 47-63Hz
Input Current………………………………………………………..0.56A (115 VAC), 0.33A (230 VAC)
Inrush current………………………………………………………. 20A/115V, 40A/230V
Earth leakage current………………………………………………. 0.8mA max
Power Factor……………………………………………………...…EN61000-3-2, class A
Input Protection…………………………………………………...…Internal fuse T2A, 250 VAC fitted line
Output
Output voltage………………………………………………………12.0 – 14.0 VDC
Line regulation……………………………………………………... ± 0.5% max
Load regulation…………………………………………………….. ± 0.5% max
Overload protection………………………………………………... 110-150% power limited
Overvoltage protection……………………………………………...Output clamps at 120-145% Vnom, auto recovery
Ripple & Noise.……………………………………………………. 50mv peak-peak, 20MHz bandwidth
Start Up Rise time…………………………………………………..<150ms
Hold up time……………………………………………………….. 20/30ms at 115/230 VAC
Short Circuit Protection……………………………………………. Power limited, auto recovery
Environmental
Operating temperature & humidity…………………………………-40° to 158°F (-40° to 70°C), 95% RH
(non condensing)
Storage temperature & humidity……………………………………-40° to 185°F (-40° to 85°C), 95% RH
(non condensing)
Cooling method……………………………………………………..Convection with 1 inch (25mm) free space all sides
EMC & Safety
Approvals…………………………………………………………...UL (C/US), TUV, CE, RoHS compliant
Safety standards……………………………………………………. UL60950, EN60950-1, UL508, UL1310, SEMI F47
ANSI/ISA 12.12.01
EMC standards……………………………………………………...EN55022 class B, EN61000-3-2, 3,
EN61000-4-2, 3, 4, 5, 6, 8, 11


Podobny numer części - PS62

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
PS62916QRPYRQ1 TI1-PS62916QRPYRQ1 Datasheet
2Mb / 41P
TPS6291x-Q1 3V to 17V, 4.5A/6A/8A, Automotive, Low Noise and Low Ripple Buck Converter With Integrated Ferrite Bead Filter Compensation
AUGUST 2024
More results

Podobny opis - PS62

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
PP506 ETC-PP506 Datasheet
11Kb / 1P
Power Supply - 13.6 Vdc at 1.6 Amps
LANC1225W12 ETC2-LANC1225W12 Datasheet
879Kb / 14P
DC/DC Converter 9-18 VDC Input 2.5 VDC Output at 3.5A
logo
Wall Industries,Inc.
LANC122 WALL-LANC122 Datasheet
879Kb / 14P
DC/DC Converter 9-18 VDC Input 2.5 VDC Output at 3.5A
LANC242.5W12 WALL-LANC242.5W12 Datasheet
1Mb / 14P
DC/DC Converter 18-36 VDC Input 2.5 VDC Output at 3.5A
LANC482.5W12 WALL-LANC482.5W12 Datasheet
1Mb / 14P
DC/DC Converter 36-75 VDC Input 2.5 VDC Output at 3.5A
logo
List of Unclassifed Man...
701895-24C ETC2-701895-24C Datasheet
259Kb / 1P
24 VDC Power Supply
701507-60C1 ETC2-701507-60C1 Datasheet
317Kb / 1P
12 VDC Power Supply
logo
Crydom Inc.,
DR22 CRYDOM-DR22 Datasheet
685Kb / 6P
Output ratings up to 30 Amps at 200 VDC
logo
Infineon Technologies A...
BGA7L1BN6 INFINEON-BGA7L1BN6 Datasheet
1Mb / 14P
Insertion power gain: 13.6 dB
Revision 3.1, 2017-03-03
logo
WAGO Kontakttechnik Gmb...
753-602 WAGO-753-602 Datasheet
379Kb / 10P
Power Supply; 24 VDC
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com