| Zakładka z wyszukiwarką danych komponentów |
|
L293B Arkusz danych(PDF) 6 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L293B Arkusz danych(HTML) 6 Page - STMicroelectronics |
|
6 / 12 page ![]() L293E L293B 6/12 Figure 6. Output Voltage versus Input Voltage Figure 7. Output Voltage versus Inhibit Voltage APPLICATION INFORMATION Figure 8. DC Motor Controls (with connection to ground and to the supply voltage) L = Low H = High X = Don’t Care Figure 9. Bidirectional DC Motor Control L = Low H = High X = Don’t Care Vinh AM1B M2 HH Fast Motor Stop HRun H L Run L Fast Motor Stop L X Free Running X Free Running Motor Stop Motor Stop Inputs Function Vinh = H C = H ; D = L Turn Right C = L ; D = H Turn Left C = D Fast Motor Stop Vinh = L C = X ; D = X Free Running Motor Stop |