| Zakładka z wyszukiwarką danych komponentów |
|
NRSZC Arkusz danych(PDF) 2 Page - NIC-Components Corp. |
|
|
|||||||||||||||||||||||||||||
NRSZC Arkusz danych(HTML) 2 Page - NIC-Components Corp. |
|
2 / 4 page ![]() 118 ® NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com www.RFpassives.com www.SMTmagnetics.com Miniature Aluminum Electrolytic Capacitors NRSZC Series STANDARD PRODUCTS, CASE SIZES AND SPECIFICATIONS W.V. (Vdc) Cap. ( µF) Code Case Size D φ x L(mm) Lead Space (mm) Max. Tan δ Max. LC ( µA) 2 minutes Max. Impedance Max. Ripple Current at 100KHz/105°C (mA rms) 100KHz/20°C 6.3 180 181 5x11 2.0 0.22 11.3 0.340 205 330 331 6.3x11 2.5 0.22 20.8 0.170 330 390 391 6.3x11 2.5 0.22 24.6 0.170 330 680 681 8x11.5 3.5 0.22 42.8 0.110 580 1000 102 8x15 3.5 0.22 63.0 0.080 750 1200 122 8x20 3.5 0.22 75.6 0.060 1000 10x12.5 5.0 0.22 75.6 0.063 900 1500 152 8x20 3.5 0.22 94.5 0.060 1000 10x16 5.0 0.22 94.5 0.049 1200 2200 222 10x20 5.0 0.24 138.6 0.036 1450 12.5x16 5.0 0.24 138.6 0.049 1400 2700 272 10x22 5.0 0.24 170.1 0.036 1500 3900 392 12.5x20 5.0 0.26 245.7 0.035 1660 4700 472 12.5x25 5.0 0.28 296.1 0.027 2000 5600 562 12.5x25 5.0 0.30 352.8 0.027 2000 16x21 7.5 0.30 352.8 0.032 2000 6800 682 12.5x30 5.0 0.32 428.4 0.24 2450 16x25 7.5 0.32 428.4 0.022 2560 8200 822 16x25 7.5 0.36 516.6 0.022 2560 10000 103 16x25 7.5 0.40 630.0 0.17 3010 18x25 7.5 0.40 630.0 0.022 2740 12000 123 16x35.5 7.5 0.44 756.0 0.016 3150 18x30.5 7.5 0.44 756.0 0.17 3330 15000 153 18x35.5 7.5 0.50 945.0 0.016 3680 18000 183 18x41 7.5 0.56 1134 0.015 3800 10 150 151 5x11 2.0 0.19 15.0 0.340 205 270 271 6.3x11 2.5 0.19 27.0 0.170 330 470 471 8x11.5 3.5 0.19 47.0 0.110 580 560 561 8x11.5 3.5 0.19 56.0 0.110 580 680 681 8x15 3.5 0.19 68.0 0.080 750 820 821 10x12.5 5.0 0.19 82.0 0.063 900 1000 102 8x20 3.5 0.19 100.0 0.060 1000 10x16 5.0 0.19 100.0 0.049 1200 1200 122 10x16 5.0 0.19 120.0 0.049 1200 1500 12 10x20 5.0 0.19 150.0 0.036 1450 1800 182 10x22 5.0 0.19 180.0 0.036 1500 12.5x16 5.0 0.19 180.0 0.049 1400 2700 272 12.5x20 5.0 0.21 270.0 0.035 1660 3900 392 12.5x25 5.0 0.23 390.0 0.027 2000 16x21 7.5 0.23 390.0 0.032 2000 4700 472 12.5x30 5.0 0.25 470.0 0.024 2450 16x25 7.5 0.25 470.0 0.022 2560 5600 562 16x25 7.5 0.27 560.0 0.022 2560 18x21 7.5 0.27 560.0 0.030 2490 6800 682 16x31.5 7.5 0.29 680.0 0.017 3010 18x25 7.5 0.29 680.0 0.022 2740 8200 822 16x31.5 7.5 0.33 820.0 0.017 3010 10000 103 16x35.5 7.5 0.37 1000 0.016 3150 18x30.5 7.5 0.37 1000 0.017 3330 12000 123 18x35.5 7.5 0.41 1200 0.016 3680 15000 153 18x41 7.5 0.47 1500 0.015 3800 |