Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MC68HC908AS32AMFN Arkusz danych(PDF) 79 Page - Freescale Semiconductor, Inc

Numer części MC68HC908AS32AMFN
Szczegółowy opis  Microcontrollers
PDF  280 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FREESCALE [Freescale Semiconductor, Inc]
Strona internetowa  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC68HC908AS32AMFN Arkusz danych(HTML) 79 Page - Freescale Semiconductor, Inc

Back Button MC68HC908AS32AMFN Datasheet HTML 75Page - Freescale Semiconductor, Inc MC68HC908AS32AMFN Datasheet HTML 76Page - Freescale Semiconductor, Inc MC68HC908AS32AMFN Datasheet HTML 77Page - Freescale Semiconductor, Inc MC68HC908AS32AMFN Datasheet HTML 78Page - Freescale Semiconductor, Inc MC68HC908AS32AMFN Datasheet HTML 79Page - Freescale Semiconductor, Inc MC68HC908AS32AMFN Datasheet HTML 80Page - Freescale Semiconductor, Inc MC68HC908AS32AMFN Datasheet HTML 81Page - Freescale Semiconductor, Inc MC68HC908AS32AMFN Datasheet HTML 82Page - Freescale Semiconductor, Inc MC68HC908AS32AMFN Datasheet HTML 83Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 280 page
background image
BDLC MUX Interface
MC68HC908AS32A Data Sheet, Rev. 2.0
Freescale Semiconductor
79
Figure 4-10. J1850 VPW Received Active Symbol Times
Invalid Active Bit
In Figure 4-10(1), if the active-to-passive received transition beginning the next data bit (or symbol)
occurs between the passive-to-active transition beginning the current data bit (or symbol) and a, the
current bit would be invalid.
Valid Active Logic 1
In Figure 4-10(2), if the active-to-passive received transition beginning the next data bit (or symbol)
occurs between a and b, the current bit would be considered a logic 1.
Valid Active Logic 0
In Figure 4-10(3), if the active-to-passive received transition beginning the next data bit (or symbol)
occurs between b and c, the current bit would be considered a logic 0.
Valid SOF Symbol
In Figure 4-10(4), if the active-to-passive received transition beginning the next data bit (or symbol)
occurs between c and d, the current symbol would be considered a valid SOF symbol.
Valid BREAK Symbol
In Figure 4-11, if the next active-to-passive received transition does not occur until after e, the current
symbol will be considered a valid BREAK symbol. A BREAK symbol should be followed by a
start-of-frame (SOF) symbol beginning the next message to be transmitted onto the J1850 bus. See
4.4.2 J1850 Frame Format for BDLC response to BREAK symbols.
a
bc
b
a
(1) INVALID ACTIVE BIT
(2) VALID ACTIVE LOGIC 1
(3) VALID ACTIVE LOGIC 0
64
µs
128
µs
cd
(4) VALID SOF SYMBOL
200
µs
ACTIVE
PASSIVE
ACTIVE
PASSIVE
ACTIVE
PASSIVE
ACTIVE
PASSIVE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com