| Zakładka z wyszukiwarką danych komponentów |
|
PLV1812MDDFREP Arkusz danych(PDF) 5 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
PLV1812MDDFREP Arkusz danych(HTML) 5 Page - Texas Instruments |
|
5 / 33 page ![]() 4.4 Recommended Operating Conditions over operating free-air temperature range (unless otherwise noted) MIN MAX UNIT Supply voltage: VS = (V+) – (V–) 2.4 40 V Input voltage range from (V–) –0.2 (V+) + 0.2 V Output voltage range from (V–) Open Drain –0.2 40 V Output voltage range from (V–) Push Pull –0.2 (V+) + 0.2 V Ambient temperature, TA Ambient temperature, TA –55 125 °C www.ti.com TLV1812-EP, TLV1822-EP SNOSDJ3 – MAY 2024 Copyright © 2024 Texas Instruments Incorporated Submit Document Feedback 5 Product Folder Links: TLV1812-EP TLV1822-EP |