Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

GLZ6.8C Arkusz danych(PDF) 2 Page - Won-Top Electronics

Numer części GLZ6.8C
Szczegółowy opis  500mW SURFACE MOUNT ZENER DIODE
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  WTE [Won-Top Electronics]
Strona internetowa  http://www.wontop.com
Logo WTE - Won-Top Electronics

GLZ6.8C Arkusz danych(HTML) 2 Page - Won-Top Electronics

  GLZ6.8C Datasheet HTML 1Page - Won-Top Electronics GLZ6.8C Datasheet HTML 2Page - Won-Top Electronics GLZ6.8C Datasheet HTML 3Page - Won-Top Electronics GLZ6.8C Datasheet HTML 4Page - Won-Top Electronics GLZ6.8C Datasheet HTML 5Page - Won-Top Electronics GLZ6.8C Datasheet HTML 6Page - Won-Top Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
www.wontop.com
© Won-Top Electronics Co., Ltd.
2
Revision: September, 2012
GLZ SERIES
WON-TOP ELECTRONICS
®
0
TA, AMBIENT TEMPERATURE (°C)
Fig. 1 Power Derating Curve
35
70
105
140
175
210
0
0.1
0.2
0.3
0.4
0.5
VZ, ZENER VOLTAGE (V)
Fig. 2 Zener Breakdown Characteristics
VZ, ZENER VOLTAGE (V)
Fig. 3 Zener Breakdown Characteristics
VZ, ZENER VOLTAGE (V)
Fig. 4 Zener Breakdown Characteristics
0
VF, INSTANTANEOUS FORWARD VOLTAGE (V)
Fig. 5 Typical Forward Characteristics
0.4
0.6
0.8
VZ, NOMINAL ZENER VOLTAGE (V)
Fig. 6 Junction Capacitance vs. Nominal Zener Voltage
10
100
1000
0.2
1.0
010
0
10
20
30
40
0
5
10
15
20
25
30
35
40
45
50
0
5
10
15
20
25
246
8
9
135
7
6V2
6V8
7V5
8V2
9V1
2V4
2V7
3V0
3V3
3V6
3V9
4V3
4V7
5V1
0
2
4
6
8
10
0
10
20
30
40
50
60
70
80
90 100
39
43
47
51
1
10
100
1000
TJ = 100°C
TJ = 25°C
1
10
100
TJ = 25°C
f = 1MHz
TJ = 25°C
TJ = 25°C
TJ = 25°C
Mounted on FR-4 PCB with
Minimum Recommended
Pad Layout
5V6
10
12
15
18
22
27
33
36
@ 0V Bias
@ 1V Bias



Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com