Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MPC862P Arkusz danych(PDF) 4 Page - Freescale Semiconductor, Inc

Numer części MPC862P
Szczegółowy opis  PowerQUICC??Family Hardware Specifications
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FREESCALE [Freescale Semiconductor, Inc]
Strona internetowa  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC862P Arkusz danych(HTML) 4 Page - Freescale Semiconductor, Inc

  MPC862P Datasheet HTML 1Page - Freescale Semiconductor, Inc MPC862P Datasheet HTML 2Page - Freescale Semiconductor, Inc MPC862P Datasheet HTML 3Page - Freescale Semiconductor, Inc MPC862P Datasheet HTML 4Page - Freescale Semiconductor, Inc MPC862P Datasheet HTML 5Page - Freescale Semiconductor, Inc MPC862P Datasheet HTML 6Page - Freescale Semiconductor, Inc MPC862P Datasheet HTML 7Page - Freescale Semiconductor, Inc MPC862P Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC862P Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 88 page
background image
MPC862/857T/857DSL PowerQUICC™ Family Hardware Specifications, Rev. 3
4
Freescale Semiconductor
Features
•
System integration unit (SIU)
— Bus monitor
— Software watchdog
— Periodic interrupt timer (PIT)
— Low-power stop mode
— Clock synthesizer
— Decrementer, time base, and real-time clock (RTC) from the PowerPC architecture
— Reset controller
— IEEE 1149.1 test access port (JTAG)
•
Interrupts
— Seven external interrupt request (IRQ) lines
— 12 port pins with interrupt capability
— The MPC862P and MPC862T have 23 internal interrupt sources; the MPC857T and
MPC857DSL have 20 internal interrupt sources
— Programmable priority between SCCs (MPC862P and MPC862T)
— Programmable highest priority request
•
Communications processor module (CPM)
— RISC controller
— Communication-specific commands (for example, GRACEFUL STOP TRANSMIT, ENTER HUNT
MODE
, and RESTART TRANSMIT)
— Supports continuous mode transmission and reception on all serial channels
— Up to 8-Kbytes of dual-port RAM
— The MPC862P and MPC862T have 16 serial DMA (SDMA) channels; the MPC857T and
MPC857DSL have 10 serial DMA (SDMA) channels
— Three parallel I/O registers with open-drain capability
•
Four baud rate generators
— Independent (can be connected to any SCC or SMC)
— Allow changes during operation
— Autobaud support option
•
The MPC862P and MPC862T have four SCCs (serial communication controller) The MPC857T
and MPC857DSL have one SCC, SCC1; the MPC857DSL supports ethernet only
— Serial ATM capability on all SCCs
— Optional UTOPIA port on SCC4
— Ethernet/IEEE 802.3 optional on SCC1–4, supporting full 10-Mbps operation
— HDLC/SDLC
— HDLC bus (implements an HDLC-based local area network (LAN))
— Asynchronous HDLC to support PPP (point-to-point protocol)
— AppleTalk



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88