| Zakładka z wyszukiwarką danych komponentów |
|
MPC5200B Arkusz danych(PDF) 75 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MPC5200B Arkusz danych(HTML) 75 Page - Freescale Semiconductor, Inc |
|
75 / 78 page ![]() Ordering Information MPC5200B Data Sheet, Rev. 1 Freescale Semiconductor 75 Figure 55. JTAG_TRST Wiring for Boards without COP Connector 6 Ordering Information * Shipped in trays. Add “R2” suffix for Tape & Reel. * * Commercial Qualified to <250PPM level. Industrial/Automotive Qualified to AEC-Q100. Automotive has Zero Defect flow. * * * Standard is halide-free with pb solder balls. Table 54. Ordering Information Part Number * Speed Ambient Temp Qualification ** Packaging *** MPC5200VR400B 400 0C to 70C Commercial RoHS & pb-free MPC5200CVR400B 400 -40C to 85C Industrial RoHS & pb-free SPC5200VVR266B 266 -40C to 105C Automotive - AEC RoHS & pb-free SPC5200CBV400B 400 -40C to 85C Automotive - AEC Standard SPC5200CVR400B 400 -40C to 85C Automotive - AEC RoHS & pb-free HRESET SRESET VDD VDD JTAG_TRST VDD JTAG_TMS VDD JTAG_TCK VDD JTAG_TDI TEST_SEL_0 JTAG_TDO HRESET SRESET 10Kohm 10Kohm MPC5200B PORRESET PORRESET 10Kohm 10Kohm 10Kohm |