Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MPC866PZP133A Arkusz danych(PDF) 85 Page - Freescale Semiconductor, Inc

Numer części MPC866PZP133A
Szczegółowy opis  Hardware Specifications
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FREESCALE [Freescale Semiconductor, Inc]
Strona internetowa  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC866PZP133A Arkusz danych(HTML) 85 Page - Freescale Semiconductor, Inc

Back Button MPC866PZP133A Datasheet HTML 81Page - Freescale Semiconductor, Inc MPC866PZP133A Datasheet HTML 82Page - Freescale Semiconductor, Inc MPC866PZP133A Datasheet HTML 83Page - Freescale Semiconductor, Inc MPC866PZP133A Datasheet HTML 84Page - Freescale Semiconductor, Inc MPC866PZP133A Datasheet HTML 85Page - Freescale Semiconductor, Inc MPC866PZP133A Datasheet HTML 86Page - Freescale Semiconductor, Inc MPC866PZP133A Datasheet HTML 87Page - Freescale Semiconductor, Inc MPC866PZP133A Datasheet HTML 88Page - Freescale Semiconductor, Inc MPC866PZP133A Datasheet HTML 89Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 96 page
background image
MPC866/MPC859 Hardware Specifications, Rev. 2
Freescale Semiconductor
85
Mechanical Data and Ordering Information
OP3
MODCK2
DSDO
M4
Bidirectional
BADDR30
REG
K4
Output
BADDR[28:29]
M3, M2
Output
AS
L3
Input
PA15
RXD1
RXD4
C18
Bidirectional
PA14
TXD1
TXD4
D17
Bidirectional
(Optional: Open-drain)
PA13
RXD2
E17
Bidirectional
PA12
TXD2
F17
Bidirectional
(Optional: Open-drain)
PA11
L1TXDB
RXD3
G16
Bidirectional
(Optional: Open-drain)
PA10
L1RXDB
TXD3
J17
Bidirectional
(Optional: Open-drain)
PA9
L1TXDA
RXD4
K18
Bidirectional
(Optional: Open-drain)
PA8
L1RXDA
TXD4
L17
Bidirectional
(Optional: Open-drain)
PA7
CLK1
L1RCLKA
BRGO1
TIN1
M19
Bidirectional
PA6
CLK2
TOUT1
M17
Bidirectional
Table 39. Pin Assignments (continued)
Name
Pin Number
Type



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96