| Zakładka z wyszukiwarką danych komponentów |
|
MPC8540CVT667JC Arkusz danych(PDF) 55 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MPC8540CVT667JC Arkusz danych(HTML) 55 Page - Freescale Semiconductor, Inc |
|
55 / 104 page ![]() MPC8540 Integrated Processor Hardware Specifications, Rev. 4 Freescale Semiconductor 55 RapidIO Common mode offset voltage ΔV OSCM —50 mV 1, 6 Differential termination RTERM 90 220 W Short circuit current (either output) |ISS|— 24 mA 7 Bridged short circuit current |ISB|— 12 mA 8 Notes: 1.Bridged 100- Ω load. 2.See Figure 34(a). 3.Differential offset voltage = |VOHD+VOLD|. See Figure 34(b). 4.VOHCM = (VOA + VOB)/2 when measuring VOHD. 5.VOLCM = (VOA + VOB)/2 when measuring VOLD. 6.Common mode offset ΔV OSCM = |VOHCM – VOLCM|. See Figure 34(c). 7.Outputs shorted to VDD or GND. 8.Outputs shorted together. Table 46. RapidIO 8/16 LP-LVDS Receiver DC Electrical Characteristics Characteristic Symbol Min Max Unit Notes Voltage at either input VI 02.4 V Differential input high voltage VIHD 100 600 mV 1 Differential input low voltage VILD –600 –100 mV 1 Common mode input range (referenced to receiver ground) VICM 0.050 2.350 V 2 Input differential resistance RIN 90 110 W Notes: 1.Over the common mode range. 2.Limited by VI. See Figure 41. Table 45. RapidIO 8/16 LP-LVDS Driver DC Electrical Characteristics At recommended operating conditions with OVDD of 3.3 V ± 5%. Characteristic Symbol Min Max Unit Notes |