| Zakładka z wyszukiwarką danych komponentów |
|
MPC8541ECVTAPF Arkusz danych(PDF) 30 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MPC8541ECVTAPF Arkusz danych(HTML) 30 Page - Freescale Semiconductor, Inc |
|
30 / 84 page ![]() MPC8541E PowerQUICC™ III Integrated Communications Processor Hardware Specifications, Rev. 4 30 Freescale Semiconductor Ethernet: Three-Speed, MII Management 8.3.2 MII Management AC Electrical Specifications Table 28 provides the MII management AC timing specifications. Input high current IIH LVDD = Max VIN 1 = 2.1 V — 40 μA Input low current IIL LVDD = Max VIN = 0.5 V –600 — μA Note: 1. Note that the symbol VIN, in this case, represents the OVIN symbol referenced in Table 1 and Table 2. Table 28. MII Management AC Timing Specifications At recommended operating conditions with LVDD is 3.3 V ± 5%. Parameter/Condition Symbol 1 Min Typ Max Unit Notes MDC frequency fMDC 0.893 — 10.4 MHz 2 MDC period tMDC 96 — 1120 ns MDC clock pulse width high tMDCH 32 — — ns MDC to MDIO valid tMDKHDV 2*[1/(fccb_clk/8)] ns 3 MDC to MDIO delay tMDKHDX 10 — 2*[1/(fccb_clk/8)] ns 3 MDIO to MDC setup time tMDDVKH 5— — ns MDIO to MDC hold time tMDDXKH 0— — ns MDC rise time tMDCR — — 10 ns MDC fall time tMDHF — — 10 ns Notes: 1. The symbols used for timing specifications herein follow the pattern of t(first two letters of functional block)(signal)(state) (reference)(state) for inputs and t(first two letters of functional block)(reference)(state)(signal)(state) for outputs. For example, tMDKHDX symbolizes management data timing (MD) for the time tMDC from clock reference (K) high (H) until data outputs (D) are invalid (X) or data hold time. Also, tMDDVKH symbolizes management data timing (MD) with respect to the time data input signals (D) reach the valid state (V) relative to the tMDC clock reference (K) going to the high (H) state or setup time. For rise and fall times, the latter convention is used with the appropriate letter: R (rise) or F (fall). 2. This parameter is dependent on the system clock speed (that is, for a system clock of 267 MHz, the delay is 70 ns and for a system clock of 333 MHz, the delay is 58 ns). 3. This parameter is dependent on the CCB clock speed (that is, for a CCB clock of 267 MHz, the delay is 60 ns and for a CCB clock of 333 MHz, the delay is 48 ns). 4. Guaranteed by design. Table 27. MII Management DC Electrical Characteristics (continued) Parameter Symbol Conditions Min Max Unit |