| Zakładka z wyszukiwarką danych komponentów |
|
MPC8271CVRM Arkusz danych(PDF) 20 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MPC8271CVRM Arkusz danych(HTML) 20 Page - Freescale Semiconductor, Inc |
|
20 / 60 page ![]() MPC8272 PowerQUICC II™ Family Hardware Specifications, Rev. 1.5 20 Freescale Semiconductor AC Electrical Characteristics NOTE: Conditions The following conditions must be met in order to operate the MPC8272 family devices with 133 MHz bus: single PowerQUICC II Bus mode must be used (no external master, BCR[EBM] = 0); data bus must be in Pipeline mode (BRx[DR] = 1); internal arbiter and memory controller must be used. For expected load of above 40 pF, it is recommended that data and address buses be configured to low (25 ohm) impedance (SIUMCR[HLBE0] = 1, SIUMCR[HLBE1] = 1). Table 12 lists SIU output characteristics. Table 11. AC Characteristics for SIU Inputs 1 1 Input specifications are measured from the 50% level of the signal to the 50% level of the rising edge of CLKIN. Timings are measured at the pin. Spec Number Characteristic Value (ns) Setup Hold Setup Hold 66 MHz 83 MHz 100 MHz 133 MHz 66 MHz 83 MHz 100 MHz 133 MHz sp11 sp10 AACK/TA/TS/DBG/BG/BR/ARTRY/ TEA 6 5 3.5 N/A 0.5 0.5 0.5 N/A sp12 sp10 Data bus in normal mode 5 4 3.5 N/A 0.5 0.5 0.5 N/A sp13 sp10 Data bus in pipeline mode 5 4 2.5 1.5 0.5 0.5 0.5 0.5 sp15 sp10 All other pins 5 4 3.5 N/A 0.5 0.5 0.5 N/A Table 12. AC Characteristics for SIU Outputs 1 1 Output specifications are measured from the 50% level of the rising edge of CLKIN to the 50% level of the signal. Timings are measured at the pin. Spec Number Characteristic Value (ns) Max Min Maximum Delay Minimum Delay 66 MHz 83 MHz 100 MHz 133 MHz 66 MHz 83 MHz 100 MHz 133 MHz sp31 sp30 PSDVAL/TEA/TA 76 5.5 N/A 111 N/A sp32 sp30 ADD/ADD_atr./BADDR/CI/GBL/WT 8 6.5 5.5 4.5 2 2 Value is for ADD only; other sp32/sp30 signals are not applicable. 111 1 2 sp33 sp30 Data bus 3 3 To achieve 1 ns of hold time at 66.67/83.33/100 MHZ, a minimum loading of 20 pF is required. 6.56.5 5.54.5 0.80.8 0.8 1 sp34 sp30 Memory controller signals/ALE 6 5.5 5.5 4.5 1111 sp35 sp30 All other signals 6 5.5 5.5 N/A 1 1 1 N/A |