Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MPC8541ECVTALD Arkusz danych(PDF) 3 Page - Freescale Semiconductor, Inc

Numer części MPC8541ECVTALD
Szczegółowy opis  PowerQUICC??III Integrated Communications Processor Hardware Specifications
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FREESCALE [Freescale Semiconductor, Inc]
Strona internetowa  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8541ECVTALD Arkusz danych(HTML) 3 Page - Freescale Semiconductor, Inc

  MPC8541ECVTALD Datasheet HTML 1Page - Freescale Semiconductor, Inc MPC8541ECVTALD Datasheet HTML 2Page - Freescale Semiconductor, Inc MPC8541ECVTALD Datasheet HTML 3Page - Freescale Semiconductor, Inc MPC8541ECVTALD Datasheet HTML 4Page - Freescale Semiconductor, Inc MPC8541ECVTALD Datasheet HTML 5Page - Freescale Semiconductor, Inc MPC8541ECVTALD Datasheet HTML 6Page - Freescale Semiconductor, Inc MPC8541ECVTALD Datasheet HTML 7Page - Freescale Semiconductor, Inc MPC8541ECVTALD Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC8541ECVTALD Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 84 page
background image
MPC8541E PowerQUICC™ III Integrated Communications Processor Hardware Specifications, Rev. 4
Freescale Semiconductor
3
Overview
•
Security Engine is optimized to handle all the algorithms associated with IPSec, SSL/TLS, SRTP,
802.11i, iSCSI, and IKE processing. The Security Engine contains 4 Crypto-channels, a Controller,
and a set of crypto Execution Units (EUs). The Execution Units are:
— Public Key Execution Unit (PKEU) supporting the following:
– RSA and Diffie-Hellman
– Programmable field size up to 2048-bits
– Elliptic curve cryptography
– F2m and F(p) modes
– Programmable field size up to 511-bits
— Data Encryption Standard Execution Unit (DEU)
– DES, 3DES
– Two key (K1, K2) or Three Key (K1, K2, K3)
– ECB and CBC modes for both DES and 3DES
— Advanced Encryption Standard Unit (AESU)
– Implements the Rinjdael symmetric key cipher
– Key lengths of 128, 192, and 256 bits.Two key
– ECB, CBC, CCM, and Counter modes
— ARC Four execution unit (AFEU)
–
Implements a stream cipher compatible with the RC4 algorithm
–
40- to 128-bit programmable key
— Message Digest Execution Unit (MDEU)
– SHA with 160-bit or 256-bit message digest
– MD5 with 128-bit message digest
– HMAC with either algorithm
— Random Number Generator (RNG)
— 4 Crypto-channels, each supporting multi-command descriptor chains
–
Static and/or dynamic assignment of crypto-execution units via an integrated controller
–
Buffer size of 256 Bytes for each execution unit, with flow control for large data sizes
•
High-performance RISC CPM
— Two full-duplex fast communications controllers (FCCs) that support the following protocol:
– IEEE802.3/Fast Ethernet (10/100)
— Serial peripheral interface (SPI) support for master or slave
—I2C bus controller
— General-purpose parallel ports—16 parallel I/O lines with interrupt capability
•
256 Kbytes of on-chip memory
— Can act as a 256-Kbyte level-2 cache
— Can act as a 256-Kbyte or two 128-Kbyte memory-mapped SRAM arrays
— Can be partitioned into 128-Kbyte L2 cache plus 128-Kbyte SRAM
— Full ECC support on 64-bit boundary in both cache and SRAM modes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84