| Zakładka z wyszukiwarką danych komponentów |
|
MPC8541ECVTAPE Arkusz danych(PDF) 41 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MPC8541ECVTAPE Arkusz danych(HTML) 41 Page - Freescale Semiconductor, Inc |
|
41 / 84 page ![]() MPC8541E PowerQUICC™ III Integrated Communications Processor Hardware Specifications, Rev. 4 Freescale Semiconductor 41 CPM 10 CPM This section describes the DC and AC electrical specifications for the CPM of the MPC8541E. 10.1 CPM DC Electrical Characteristics Table 32 provides the DC electrical characteristics for the CPM. 10.2 CPM AC Timing Specifications Table 33 and Table 34 provide the CPM input and output AC timing specifications, respectively. Table 32. CPM DC Electrical Characteristics Characteristic Symbol Condition Min Max Unit Notes Input high voltage VIH 2.0 3.465 V 1 Input low voltage VIL GND 0.8 V 1, 2 Output high voltage VOH IOH = –8.0 mA 2.4 — V 1 Output low voltage VOL IOL = 8.0 mA — 0.5 V 1 Output high voltage VOH IOH = –2.0 mA 2.4 — V 1 Output low voltage VOL IOL = 3.2 mA — 0.4 V 1 Table 33. CPM Input AC Timing Specifications 1 Characteristic Symbol 2 Min3 Unit FCC inputs—internal clock (NMSI) input setup time tFIIVKH 6ns FCC inputs—internal clock (NMSI) hold time tFIIXKH 0ns FCC inputs—external clock (NMSI) input setup time tFEIVKH 2.5 ns FCC inputs—external clock (NMSI) hold time tFEIXKHb2 ns SPI inputs—internal clock (NMSI) input setup time tNIIVKH 6ns SPI inputs—internal clock (NMSI) input hold time tNIIXKH 0ns SPI inputs—external clock (NMSI) input setup time tNEIVKH 4ns SPI inputs—external clock (NMSI) input hold time tNEIXKH 2ns PIO inputs—input setup time tPIIVKH 8ns |