| Zakładka z wyszukiwarką danych komponentów |
|
MPX2200D Arkusz danych(PDF) 3 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MPX2200D Arkusz danych(HTML) 3 Page - Freescale Semiconductor, Inc |
|
3 / 8 page ![]() MPX2200 Sensors Freescale Semiconductor 3 Table 2. Operating Characteristics (VS = 10 VDC, TA = 25°C unless otherwise noted, P1 > P2) Characteristic Symbol Min Typ Max Units Differential Pressure Range(1) 1. 1.0 kPa (kiloPascal) equals 0.145 psi. POP 0 — 200 kPa Supply Voltage(2) 2. Device is ratiometric within this specified excitation range. Operating the device above the specified excitation range may induce additional error due to device self-heating. VS — 10 16 VDC Supply Current IO — 6.0 — mAdc Full Scale Span(3) 3. Full Scale Span (VFSS) is defined as the algebraic difference between the output voltage at full rated pressure and the output voltage at the minimum related pressure. VFSS 38.5 40 41.5 mV Offset(4) 4. Offset (VOFF) is defined as the output voltage at the minimum rated pressure. VOFF -1.0 — 1.0 mV Sensitivity ∆V/∆Ρ — 0.2 — mV/kPa Linearity(5) MPX2200D Series MPX2200A Series 5. Accuracy (error budget) consists of the following: • Linearity: Output deviation from a straight line relationship with pressure, using end point method, over the specified pressure range. • Temperature Hysteresis:Output deviation at any temperature within the operating temperature range, after the temperature is cycled to and from the minimum or maximum operating temperature points, with zero differential pressure applied. • Pressure Hysteresis: Output deviation at any pressure with the specified range, when this pressure is cycled to and from the minimum or maximum rated pressure at 25°C. • TcSpan: Output deviation at full rated pressure over the temperature range of 0 to 85°C, relative to 25°C. • TcOffset: Output deviation with minimum rated pressure applied, over the temperature range of 0 to 85°C, relative to 25°C. — -0.25 -1.0 — — 0.25 1.0 %VFSSl Pressure Hysteresis(5)(0 to 200 kPa) — — ±0.1 — %VFSS Temperature Hysteresis(5)(- 40°C to +125°C) — — ±0.5 — %VFSS Temperature Coefficient of Full Scale Span(5) TCVFSS -1.0 — 1.0 %VFSS Temperature Coefficient of Offset(5) TCVOFF -1.0 — 1.0 mV Input Impedance ZIN 1300 — 2500 W Output Impedance ZOUT 1400 — 3000 W Response Time(6) (10% to 90%) 6. Response Time is defined as the time form the incremental change in the output to go from 10% to 90% of its final value when subjected to a specified step change in pressure. tR — 1.0 — ms Warm-Up Time — — 20 — ms Offset Stability(7) 7. Offset stability is the product’s output deviation when subjected to 1000 hours of Pulsed Pressure, Temperature Cycling with Bias Test. — — ±0.5 — %VFSS |