| Zakładka z wyszukiwarką danych komponentów |
|
CK12BX331M Arkusz danych(PDF) 3 Page - Kemet Corporation |
|
|
|||||||||||||||||||||||||||||
CK12BX331M Arkusz danych(HTML) 3 Page - Kemet Corporation |
|
3 / 10 page ![]() CERAMIC MOLDED/MIL-C-11015 & MIL-PRF-39014 (CKR) © KEMET Electronics Corporation, P.O. Box 5928, Greenville, S.C. 29606, (864) 963-6300 34 C114T (CKR11) K 102 052 C 5 K A X 2 C CERAMIC *CASE SIZE (See Table Below) SPECIFICATION Military T — MIL-PRF-39014 K — MIL-C-11015 CAPACITANCE In picofarad code: First two digits are significant figures and third is number of zeroes following (except 9 indicates division by 10). Examples: 0.1 F = 100,000 pF = 104 and 9.1 pF = 919. See tables for Standard Values. FAILURE RATE INTERNAL CONSTRUCTION CAPACITANCE TOLERANCE Standard M — ±20% K — ±10% A — Not Applicable (Std.) M — 1.0% P — 0.1% R — 0.01% S — 0.001% LEAD MATERIAL C — Standard 5 — Standard WORKING VOLTAGE 1 — 100 2 — 200 5 — 50 Standard tolerances for each Series are shown in the repetitive parts lists. *CASE SIZES RADIAL AXIAL C052 C114 C056 C124 C062 C192 C066 C202 C222 TEMPERATURE CHARACTERISTIC Capacitance Change With Temp. Measured Measured Without With Bias KEMET Military EIA Temp. DC Bias (Rated Designator Equivalent Equivalent Range, °C Voltage Voltage) X BX X7R -55 to ±15% +15% (Stable) +125 -25% R BR X7R -55 to ±15% +15% (Stable) +125 -40% ** **Part Number Example: C052K102K2X5CA (14 digits – no spaces) ORDERING INFORMATION MARKING INFORMATION C114T (CKR11) THROUGH C222T (CKR16) PER MIL-PRF-39014 JK 103 KP5 37A J for JAN K for KEMET Capacitance Capacitance Tolerance, FR Level & Date Code (Yr.) Date and Lot Code C124T (CKR12) CKR12 2657J 0537A 31433 Style Dash No., J for JAN Date & Lot Code Source Code (Federal Supply Code for Manufacturers, FSCM) C192T (CKR14) C202T (CKR15) C222T (CKR16) M39014 5-2125 KEMET 0537A J50V 105K Complete Part Number Manufacturer’s Name Date & Lot Code JAN & Voltage Capacitance, pF Code, Capacitance Tolerance C052/56T (CKR05) PER MIL-PRF-39014/01 JK 0537 A JAN-KEMET Date Code Lot Code BACK M390 14/01 1579* Specification Sheet No. Four Digit Part No. *Add “V” as the last digit for stand-off leads. FRONT C062/66T (CKR06) PER MIL-PRF-39014/02 0537A J200V 103K Date & Lot Code JAN & Voltage Capacitance, pF Code, Capacitance Tolerance BACK M39014 2-1338 *KEMET Complete MIL Part No. Manufacturer’s Name FRONT *Add “V” as the last digit for stand-off leads. C114K (CK12) THROUGH C222K (CK16) PER MIL-C-11015 C114K (CK12) C124K (CK13) KCK 12BX 102K 0537 KEMET, CK Style (12 or 13), Temp. Char. (BX or BR) Capacitance, pF Code, Capacitance Tolerance Date Code C192K (CK14) C202K (CK15) C222K (CK16) K100V CK14BX 123K 0537 KEMET, Voltage Style (14, 15 or 16), Temp. Char. (BX or BR) Capacitance, pF Code, Capacitance Tolerance Date Code C052K (CK05) PER MIL-C-11015/18 & C062K (CK06) PER MIL-C-11015/19 200V K 0501 Voltage KEMET Date Code BACK CK05 BX 102K Style Temperature Characteristic Capacitance, pF Code, Capacitance Tolerance FRONT |