Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

B3686 Arkusz danych(PDF) 7 Page - EPCOS

Numer części B3686
Szczegółowy opis  SAW Components Low-Loss Filter 337,5 MHz
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  EPCOS [EPCOS]
Strona internetowa  http://www.epcos.com
Logo EPCOS - EPCOS

B3686 Arkusz danych(HTML) 7 Page - EPCOS

  B3686 Datasheet HTML 1Page - EPCOS B3686 Datasheet HTML 2Page - EPCOS B3686 Datasheet HTML 3Page - EPCOS B3686 Datasheet HTML 4Page - EPCOS B3686 Datasheet HTML 5Page - EPCOS B3686 Datasheet HTML 6Page - EPCOS B3686 Datasheet HTML 7Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
7
May 31, 2000
SAW Components
B3686
337,5 MHz
Low-Loss Filter
Data Sheet
Published by EPCOS AG
Surface Acoustic Wave Components Division, OFW E NK
P.O. Box 80 17 09, D-81617 München
© EPCOS AG 1999. All Rights Reserved.
As far as patents or other rights of third parties are concerned, liability is only assumed for compo-
nents per se, not for applications, processes and circuits implemented within components or
assemblies.
The information describes the type of component and shall not be considered as assured
characteristics.
Terms of delivery and rights to change design reserved.
For questions on technology, prices and delivery please contact the sales offices of EPCOS AG or
the international representatives.
Due to technical requirements components may contain dangerous substances. For information on
the type in question please also contact one of our sales offices.



Html Pages

1 2 3 4 5 6 7