| Zakładka z wyszukiwarką danych komponentów |
|
SP693ACT Arkusz danych(PDF) 4 Page - Sipex Corporation |
|
|
|||||||||||||||||||||||||||||
SP693ACT Arkusz danych(HTML) 4 Page - Sipex Corporation |
|
4 / 24 page ![]() Date: 4/18/05 SP691A/693A/800L/800M Low Power Microprocessor Supervisor with Battery Switch-Over © Copyright 2005 Sipex Corporation 4 S R E T E M A R A P . N I M . P Y T . X A M S T I N U S N O I T I D N O C , e g a t l o V d l o h s e r h T I D W 6 E T O N V x 5 7 . 0 C C 8 . 0 V V H I V L I t n e r r u C t u p n I I D W 0 5 - 0 1 - 0 2 0 5 µA V 0 = I D W V = I D W T U O R O T A R A P M O C L I A F - R E W O P d l o h s e r h T t u p n I I F P 0 0 2 . 1 5 2 2 . 1 5 2 . 1 5 2 . 1 0 0 3 . 1 5 7 2 . 1 V A 3 9 6 / A 1 9 6 P S V , C C V 5 = M 0 0 8 / L 0 0 8 P S V , C C V 5 = t n e r r u C e g a k a e L I F P + 1 0 . 0 + 5 2 A n e g a t l o V t u p t u O O F P 5 . 3 1 . 0 4 . 0 V I K N I S A m 2 . 3 = I E C R U O S 1 = µ V , A C C V 5 = t n e r r u C t i u c r i C t r o h S O F P 1 0 6 5 1 0 0 1 A m µA t n e r r u c k n i s t u p t u o t n e r r u c e c r u o s t u p t u o y a l e D O F P - o t - I F P 5 2 0 6 µs V D O V m 5 1 = V D O V m 5 1 = G N I T A G E L B A N E - P I H C E C N I t n e r r u C e g a k a e L + 5 0 0 . 0 +1 µA e d o m e l b a s i d E C N I E C o t T U O , e c n a t s i s e R 7 E T O N 5 6 0 5 1 Ω e d o m e l b a n e E C T U O t n e r r u C t i u c r i C - t r o h S ) e v i t c A T E S E R ( 1 . 0 5 7 . 0 0 . 2 A m E C , e d o m e l b a s i d T U O V 0 = E C N I E C o t T U O n o i t a g a p o r P 8 E T O N , y a l e D 6 0 1 s n 0 5 Ω C , r e v i r d e c n a d e p m i e c r u o s D A O L F p 0 5 = E C T U O h g i H e g a t l o V t u p t u O ) e v i t c A T E S E R ( 5 . 3 7 . 2 V V C C I , V 5 = T U O 0 0 1 = µA V C C V , V 0 = T T A B I , V 8 . 2 = T U O 1 = µA E C o t T E S E R T U O y a l e D 2 1 µs n w o d - r e w o p R O T A L L I C S O L A N R E T N I C S O N I t n e r r u C e g a k a e L 0 1 . 0 + 0 . 5 µA C S O L E S V 0 = C S O N I t n e r r u C p U - ll u P t u p n I 0 1 0 0 1 µA C S O L E S V = T U O C S O , g n i t a o l f r o N I V 0 = C S O L E S t n e r r u C p U - ll u P t u p n I 0 1 0 0 1 µA C S O L E S V 0 = C S O N I e g n a R y c n e u q e r F 0 0 2 z H k C S O L E S V 0 = C S O N I r o t a ll i c s O l a n r e t x E e g a t l o V d l o h s e r h T V T U O 3 . 0 - V T U O 6 . 0 - 5 6 . 3 0 . 2 V V H I V L I C S O N I h t i w y c n e u q e r F r o t i c a p a C l a n r e t x E 2 z H k C S O L E S C , V 0 = C S O F p 7 4 = V CC = +4.75V to +5.5V for the SP691A/800L, VCC = +4.5V to +5.5V for the SP693A/800M, VBATT = +2.8V, and TAMB = TMIN to TMAX unless otherwise noted. Typical values apply at T AMB=+25 OC. 1.237 1.263 ELECTRICAL CHARACTERISTICS |