| Zakładka z wyszukiwarką danych komponentów |
|
SP6122ACU/TR Arkusz danych(PDF) 6 Page - Sipex Corporation |
|
|
|||||||||||||||||||||||||||||
SP6122ACU/TR Arkusz danych(HTML) 6 Page - Sipex Corporation |
|
6 / 19 page ![]() 6 Date: 10/02/04 SP6122 Low Voltage, Micro 8, PFET, Buck Controller © Copyright 2004 Sipex Corporation OPERATION General Overview The SP6122 is a minimum on-time, PFM/PWM controller for low cost DC/DC step down converters. The main control loop consists of a REFERENCE COMPARATOR, an ON-TIME CLOCK, a LOOP LATCH and a BLANKING ONESHOT. The REFERENCE comparator has 10mV of internal hysteresis and a 1.25V internal reference. Both hysteresis and reference voltage are multiplied upward by the internal feedback resistor divider, K1 (K1 = 1 for the adjustable version). This value is set by the factory and determines the output voltage of the converter. This divider is also used in the on- time algorithm for the controller. If the output voltage drops below K1*1.25V, then the DRIVER LOGIC tells the PFET switch to be “on” for a certain minimum time. The on-time is set by the Soft Start CLOCK frequency and is factory programmed to run at 300kHz. When the part is enabled, through VCC or the ENABLE pin, the DRIVER LOGIC is configured to first look at the fixed frequency Soft Start loop. The output voltage is then controlled by a 0.5V/ms internal ramp. When the output voltage reaches K1*1.25V, the Soft Start loop is switched off and the main loop takes over. Fault management is controlled either through power-on-reset (POR) or RDS(ON) sense over current protection. Should an over current condition occur, the SP6122 will completely “lock-up” and turn the PFET switch off. The only way to recover will be to either cycle the ENABLE pin or VCC. A Fault flag output (FFLAG) has been included to either signal the upstream circuitry or to engage a hiccup mode that will restart the SP6122. Tying FFLAG to ENABLE allows the controller to restart without assistance. Lastly, the SP6122 includes a powerful 4Ω PFET driver stage designed to drive a PFET associated with high speed converter de- signs in the 1 A – 5 A range. Enable Low quiescent mode or “Sleep Mode” is initiated by pulling the ENABLE pin below 650mV. The ENABLE pin has an internal 4µA pull-up current and does not require any external interface for normal operation. If the ENABLE pin is driven from a voltage source, the voltage must be above 1.45V in order to guarantee proper “awake” opera- tion. Assuming that VCC is above about 2.9V, the SP6122 transitions from “Sleep Mode” to “Awake Mode” in about 20µs – 30µs and from “Awake Mode” to “Sleep Mode” in a few microseconds. SP6122 qui- escent current in sleep mode is 5µA typical. During Sleep Mode, the PFET switch is turned off, the internal SS voltage is held low and the FFLAG pin is high impedance. Low Current Operation If over current fault protection is not needed, the SP6122 offers two options to lower its quiescent current. By grounding both ISET and ISENSE pins, the circuitry responsible for over current detection is turned off. This option results in a saving of about 50µA in quiescent current. Option two requires that ISET is grounded and ISENSE is greater than 1.3V. This option put the SP6122 in a low performance mode that cuts the operat- ing frequency roughly in half and slows down critical comparators in the main loop. Option two can result in additional saving of 100µA bringing the total quiescent current to only 150µA (typ). Power On Reset (POR) The POR command is given every time the bandgap reference is started. The internal 1.25 V reference is compared against a 1V NFET threshold. When the reference is below the threshold, FAULT and RUN latches are reset, the internal SS voltage is discharged and the PFET switch is “off”. The SP6122 is allowed to begin a soft start cycle when the |