| Zakładka z wyszukiwarką danych komponentów |
|
SP6260EEK-L/TR Arkusz danych(PDF) 10 Page - Sipex Corporation |
|
|
|||||||||||||||||||||||||||||
SP6260EEK-L/TR Arkusz danych(HTML) 10 Page - Sipex Corporation |
|
10 / 17 page ![]() 0 Apr5-07 RevD SP6260 High Speed, Extremely Low Noise LDO Regulator © 2007 Sipex Corporation Parameter Symbol Conditions Min Typ Max Unit Output Voltage VOUT VIN=4.3V 1mA IOUT 30mA 3.234 3.3 3.366 V Input Voltage VIN 6 V Output Current IOUT VIN-VOUT=1V 150 mA Load Regulation VRLOAD VIN=4.3V 1mA IOUT 80mA 12 40 mV Line Regulation VRLINE 3.8V VIN 6V IOUT=30mA 4 16 mV Dropout Voltage VDROP IOUT=10mA 20 40 mV IOUT=100mA 150 300 IOUT=150mA 200 400 Quiescent Current IQ VIN=4.3V, IOUT 0mA 25 50 A Standby Current ISTD VIN=4.3V VCE in OFF mode 0.1 1 A Power Supply Rejection Ratio PSRR Ripple 0.5Vp-p, f=10kHz VIN=4.3V 70 dB Output Voltage Temperature Coefficient VOUT/ T IOUT=30mA 330 V/oC ( VOUT/VOUT)/ T 100 ppm/oC Short Current Limit ILIMIT VOUT=0V 50 mA RMS Output Noise VNOISE TA=25oC 10Hz f 100kHz 30 Vrms CE "High" Voltage CE input voltage "High" 1.5 V CE "Low" Voltage CE input voltage "Low" 0.25 V CE Pull-down Resistance RPD 2.5 5 10 M (VIN=4.3V, TJ=25oC, CIN=1 F, COUT=1 F, Bold typeface applies over -40oC TJ 85oC, unless otherwise specified.) SP6260GEK (3.3V) Electrical Characteristics (Continued) |