Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

35MMF-2RCAM Arkusz danych(PDF) 1 Page - Infinite Electronics International, Inc.

Numer części 35MMF-2RCAM
Szczegółowy opis  3.5mm STEREO F/DUAL RCA M ADPT CBL
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  L-COM [Infinite Electronics International, Inc.]
Strona internetowa  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.

35MMF-2RCAM Arkusz danych(HTML) 1 Page - Infinite Electronics International, Inc.

  35MMF-2RCAM Datasheet HTML 1Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
MARK.B
6.0 152.4
MOLDED BOOT
PVC, BLACK
MOLDED BOOT
PVC, WHITE
MOLDED BOOT
PVC, RED
"J1"
3.5mm STEREO
FEMALE CONNECTOR
DUAL DATA CABLE
2 CENTER CONDUCTORS PLUS BRAID SHIELDING
OUTERJACKET: PVC, BLACK
SLEEVE
RING
TIP
3.5mm STEREO F SCHEMATIC
REFERENCE ONLY
NOTES:
1.CABLE ASSEMBLY SHALL BE TESTED FOR CONTINUITY.
2.CABLE ASSEMBLY SHALL BE INDIVIDUALLY PACKAGED IN
ACCORDANCE WITH L-COM SPECIFICATION PS-0031.
"P1"
RCA MALE
CONNECTOR
"P2"
RCA MALE
CONNECTOR
WIRE MAP
"J1"
"P1"
"P2"
TIP
CENTER
-
RING
-
CENTER
SLEEVE
SHELL
SHELL
A
B
C
D
SCALE:
SIZE
DWG. NO.
A
SHEET
OF
REV.
DATE
APPROVALS
DRAWN BY
CHECKED BY
APPROVED BY
1
2
3
4
5
6
7
8
THE INFORMATION CONTAINED IN THIS DRAWING IS THE SOLE
PROPERTY OF L-COM, INC. ANY REPRODUCTION IN PART OR WHOLE
WITHOUT THE WRITTEN PERMISSION OF L-COM, INC. IS PROHIBITED.
A
B
C
D
1
2
3
4
5
6
7
8
35MMF-2RCAM
A
1
1
J.LABOY
02/26/2020
REVISIONS
DESCRIPTION
APPROVED
REV
DATE
02/26/2020
02/28/2020
A
INITIAL RELEASE PER J.LABOY
MARK.B
CATEGORY
PRODUCT DESCRIPTION
DIMENSIONS ARE IN INCHES [mm]
CONFIGURATION DETAILS OF
UNDIMENSIONED FEATURES
MAY VARY
NONE
CAGE CODE
3.5mm STEREO F/DUAL RCA M ADPT CBL
AUDIO/VIDEO
UNLESS OTHERWISE SPECIFIED,
B.ZHANG
COLOR VARIATIONS
MAY OCCUR
02/26/2020
OVERALL CABLE LENGTH TOLERANCE:
≤12 [305] = +1 [25] / -0
>12 [305] ≤60 [1524] = +2 [51] / -0
>60 [1524] ≤120 [3048] = +4 [102] / -0
>120 [3048] ≤300 [7620] = +6 [152] / -0
>300 [7620] = +5% / -0
T-Rev.D
ALL OTHER DIMENSIONAL TOLERANCES:
THIRD-ANGLE PROJECTION
50 High Street, West Mill,
North Andover, MA 01845 USA.
Phone: 1.800.341.5266
1.978.682.6936
43321
CAD FILE: 35MMF-2RCAM.SLDDRW
ANGLES ± 1°
± 1/32
FRACTIONS
.X =
.2 [5]
.XX =
.02 [.5]
.XXX =
.005 [.13]


Podobny numer części - 35MMF-2RCAM

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Infinite Electronics In...
35MMF-2RCAM L-COM-35MMF-2RCAM_V01 Datasheet
76Kb / 1P
3.5mm STEREO F/DUAL RCA M ADPT CBL
02/26/2020
More results

Podobny opis - 35MMF-2RCAM

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Pomona Electronics
6882 POMONA-6882 Datasheet
76Kb / 1P
RCA (F/M/F) Adapter
logo
Vitesse Semiconductor C...
SD759-3 VITESSE-SD759-3 Datasheet
45Kb / 1P
ADPT, F-M-F, TEE, BNC
logo
Winchester Electronics ...
SD759-3 WINCHESTER-SD759-3 Datasheet
45Kb / 1P
ADPT, F-M-F, TEE, BNC
SDKC-99-31 WINCHESTER-SDKC-99-31 Datasheet
43Kb / 1P
ADPT, F-M-F, TEE BNC
SDKC-99-52 WINCHESTER-SDKC-99-52 Datasheet
49Kb / 1P
ADPT, F-M-F, TEE BNC
KC-99-108M06 WINCHESTER-KC-99-108M06 Datasheet
47Kb / 1P
ADPT, M-F-F, TEE, BNC
logo
Tripp Lite. All Rights ...
P31606N TRIPPLITE-P31606N Datasheet
483Kb / 2P
3.5mm Mini Stereo to Two RCA Audio Y Splitter Adapter Cable (3.5mm F to 2x RCA M), 6-in
P314-006 TRIPPLITE-P314-006 Datasheet
156Kb / 2P
3.5mm Mini Stereo to 2-RCA Audio Y Splitter Adapter Cable (3.5mm M to 2x RCA M), 6-ft.
P314-012 TRIPPLITE-P314-012 Datasheet
156Kb / 2P
3.5mm Mini Stereo to 2-RCA Audio Y Splitter Adapter Cable (3.5mm M to 2x RCA M), 12-ft.
P316-06N TRIPPLITE-P316-06N Datasheet
158Kb / 2P
3.5mm Mini Stereo to Two RCA Audio Y Splitter Adapter Cable (3.5mm F to 2x RCA M), 6-in.
More results


Html Pages

1


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com