| Zakładka z wyszukiwarką danych komponentów |
|
SAA7215HS/C2 Arkusz danych(PDF) 19 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
SAA7215HS/C2 Arkusz danych(HTML) 19 Page - NXP Semiconductors |
|
19 / 28 page ![]() 2000 Jan 31 19 Philips Semiconductors Preliminary specification Integrated MPEG AVGD decoders SAA7215; SAA7216; SAA7221 6 DATA(8) I/O 6 mA 5.0 V tolerant direct level 5 DATA(7) I/O 6 mA 5.0 V tolerant direct level 4 DATA(6) I/O 6 mA 5.0 V tolerant direct level 3 DATA(5) I/O 6 mA 5.0 V tolerant direct level 2 DATA(4) I/O 6 mA 5.0 V tolerant direct level 208 DATA(3) I/O 6 mA 5.0 V tolerant direct level 207 DATA(2) I/O 6 mA 5.0 V tolerant direct level 206 DATA(1) I/O 6 mA 5.0 V tolerant direct level 205 DATA(0) I/O 6 mA 5.0 V tolerant direct level 172 ADDRESS(20) I − 5.0 V tolerant direct level 173 ADDRESS(19) I − 5.0 V tolerant direct level 174 ADDRESS(18) I − 5.0 V tolerant direct level 175 ADDRESS(17) I − 5.0 V tolerant direct level 176 ADDRESS(16) I − 5.0 V tolerant direct level 177 ADDRESS(15) I − 5.0 V tolerant direct level 178 ADDRESS(14) I − 5.0 V tolerant direct level 179 ADDRESS(13) I − 5.0 V tolerant direct level 180 ADDRESS(12) I − 5.0 V tolerant direct level 181 ADDRESS(11) I − 5.0 V tolerant direct level 185 ADDRESS(10) I − 5.0 V tolerant direct level 186 ADDRESS(9) I − 5.0 V tolerant direct level 187 ADDRESS(8) I − 5.0 V tolerant direct level 188 ADDRESS(7) I − 5.0 V tolerant direct level 189 ADDRESS(6) I − 5.0 V tolerant direct level 190 ADDRESS(5) I − 5.0 V tolerant direct level 191 ADDRESS(4) I − 5.0 V tolerant direct level 192 ADDRESS(3) I − 5.0 V tolerant direct level 193 ADDRESS(2) I − 5.0 V tolerant direct level 194 ADDRESS(1) I − 5.0 V tolerant direct level 195 ADDRESS(0) I − 5.0 V tolerant direct level 170 SIZ(1) I − 5.0 V tolerant direct level 171 SIZ(0) I − 5.0 V tolerant direct level 201 CSRG I − 5.0 V tolerant low level 202 CSSD/ADDRESS(21) I − 5.0 V tolerant low level 204 DS I − 5.0 V tolerant low level 196 R/WI − 5.0 V tolerant direct level 203 DTACK O/Z 6 mA 5.0 V tolerant low level 199 DMA_REQ I/O 3 mA 5.0 V tolerant program level 200 DMA_ACK I − 5.0 V tolerant program level 197 DMA_RDY O/Z 3 mA 5.0 V tolerant program level 198 DMA_DONE I − 5.0 V tolerant program level PIN SYMBOL TYPE(1) DRIVE VOLTAGE ACTIVITY |