| Zakładka z wyszukiwarką danych komponentów |
|
SAF7113 Arkusz danych(PDF) 59 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
SAF7113 Arkusz danych(HTML) 59 Page - NXP Semiconductors |
|
59 / 80 page ![]() 2000 May 08 59 Philips Semiconductors Product specification 9-bit video input processor SAF7113H 15.2.11 SUBADDRESS 0AH Table 37 Luminance brightness control BRIG7 to BRIG0 SA 0A 15.2.12 SUBADDRESS 0BH Table 38 Luminance contrast control CONT7 to CONT0 SA 0B 15.2.13 SUBADDRESS 0CH Table 39 Chrominance saturation control SATN7 to SATN0 SA 0C 15.2.14 SUBADDRESS 0DH Table 40 Chrominance hue control HUEC7 to HUEC0 SA 0D OFFSET CONTROL BITS D7 TO D0 BRIG7 BRIG6 BRIG5 BRIG4 BRIG3 BRIG2 BRIG1 BRIG0 255 (bright) 11111111 128 (ITU level) 10000000 0 (dark) 00000000 GAIN CONTROL BITS D7 TO D0 CONT7 CONT6 CONT5 CONT4 CONT3 CONT2 CONT1 CONT0 1.999 (maximum) 01111111 1.109 (ITU level) 01000111 1.0 01000000 0 (luminance off) 00000000 −1 (inverse luminance) 11000000 −2 (inverse luminance) 10000000 GAIN CONTROL BITS D7 TO D0 SATN7 SATN6 SATN5 SATN4 SATN3 SATN2 SATN1 SATN0 1.999 (maximum) 01111111 1.0 (ITU level) 01000000 0 (colour off) 00000000 −1 (inverse chrominance) 11000000 −2 (inverse chrominance) 10000000 HUE PHASE (DEG) CONTROL BITS D7 TO D0 HUEC7 HUEC6 HUEC5 HUEC4 HUEC3 HUEC2 HUEC1 HUEC0 +178.6... 01111111 ...0... 00000000 ... −180 10000000 |