| Zakładka z wyszukiwarką danych komponentów |
|
C566C-RFF-RFE-AFF-AFE Arkusz danych(PDF) 9 Page - Cree LED |
|
|
|||||||||||||||||||||||||||||
C566C-RFF-RFE-AFF-AFE Arkusz danych(HTML) 9 Page - Cree LED |
|
9 / 9 page ![]() SCREEN MASTER® 5-MM OVAL LEDs C566C-RFF/RFE/AFF/AFE © 2021-2024 Cree LED. The information in this document is subject to change without notice. Cree®, the Cree logo and the Cree LED logo are registered trademarks of Cree LED. CLD-CT1241 REV 5 9 PACKAGING • The LEDs are packed in cardboard boxes after packaging in normal or anti-electrostatic bags. • Cardboard boxes will be used to protect the LEDs from mechanical shock during transportation. • The boxes are not water resistant, and they must be kept away from water and moisture. • Max 500 pcs per bulk and Max 2500 pcs per ammo. Bulk Pack Packaging Type: Ammo Pack Packaging Type: 20 bags/ car ton Label COLOR LED LAMP JOWAXXXXX -XX-XXX AXXXXXXXXXXX (anti - electr ost at ic bag) Hue TYPE QTY RANK LOT Iv xxx xxx Vf ( ) XX ( ) LXXXXXXXX-XXX PCS X ( ) XX R TYPE LXXXXXXXX-XXX PCS X QTY RANK LOT Iv JOWAXXXXX -XX-XXX XX AXXXXXXXXXXX XX Vf Hue ( ) ( ) ( ) xxx xxx COLOR LED LAMP ANODE |