| Zakładka z wyszukiwarką danych komponentów |
|
LTC203CS Arkusz danych(PDF) 3 Page - Linear Technology |
|
|
|||||||||||||||||||||||||||||
LTC203CS Arkusz danych(HTML) 3 Page - Linear Technology |
|
3 / 16 page ![]() LTC201A/LTC202/LTC203 3 201a23fb LTC201AM/LTC202M/ LTC201AC/LTC202C/ LTC203M LTC203C PARAMETER CONDITIONS MIN TYP MAX MIN TYP MAX UNITS Off Output Leakage ID (0FF) VD = ±14V, VS = ±14V ● 0.01 ±1 0.01 ±5nA Switch Off ±100 ±100 nA On Channel Leakage lD (ON) VD = VS = ±14V 0.02 ±1 0.02 ±5nA Switch On ● ±200 ±200 nA Input High Voltage VINH ● 2.4 2.4 V Input Low Voltage VINL ● 0.8 0.8 V Input High or Low Current VIN = 15V, 0V ● ±1 ±1 µA IINH and IINL CS (OFF) 55 pF CD (OFF) 12 12 pF CD, CS (ON) 30 30 pF I+ All Logic Inputs Tied Together 16 40 16 40 µA VIN = 0V or 4.0V ● 60 60 µA I – 0.1 5 0.1 5 µA ● 10 10 µA The ● denotes the specifications which apply over full operating temperature range, otherwise specifications are at TA = 25°C. V + = 15V, V– = –15V, GND = 0V. DIGITAL A D DC ELECTRICAL CHARACTERISTICS AC ELECTRICAL CHARACTERISTICS LTC201AM/LTC202M/ LTC201AC/LTC202C/ LTC203M LTC203C PARAMETER CONDITIONS MIN TYP MAX MIN TYP MAX UNITS tON VS = 2V, RL = 1kΩ, CL = 35pF 290 400 290 400 ns tOFF 210 300 210 300 ns tOPEN 20 85 20 85 ns Off Isolation VS = 2VP-P, RL = 1kΩ, f 100kHz 75 75 dB Crosstalk 90 90 dB Charge Injection OINJ RS = 0Ω, CL = 1000pF, VS = 0V 5 ±25 8 ±25 pC Total Harmonic Distortion THD VS = 2VP-P, RL = 10kΩ 0.01 0.01 % V+ = 15V, V– = –15V, GND = 0V unless otherwise noted. |