| Zakładka z wyszukiwarką danych komponentów |
|
WSI10040L-R19M Arkusz danych(PDF) 6 Page - AiT Semiconductor Inc. |
|
|
|||||||||||||||||||||||||||||
WSI10040L-R19M Arkusz danych(HTML) 6 Page - AiT Semiconductor Inc. |
|
6 / 17 page ![]() AiT Semiconductor Inc. WSI www.ait-ic.com WIRE WOUND SMD INDUCTOR REV1.1 - 6 - Part Number Inductance (uH) DCR (mΩ) Typ. DCR (mΩ)Max. Isat (A) Max. Irms (A) Max. WSI06024E-R10M 0.10 1.50 1.70 50.00 30.00 WSI06024E-R22M 0.22 2.90 3.20 34.00 21.00 WSI06024E-R33M 0.33 3.70 4.10 22.00 18.00 WSI06024E-R47M 0.47 6.00 6.50 21.00 13.50 WSI06024E-R68M 0.68 8.70 9.40 18.00 11.00 WSI06024E-R82M 0.82 10.60 11.80 17.00 10.00 WSI06024E-1R0M 1.00 13.00 14.20 16.00 9.00 WSI06024E-1R5M 1.50 18.50 21.20 15.00 7.50 WSI06024E-2R2M 2.20 28.00 34.00 14.00 6.50 WSI06024E-3R3M 3.30 36.50 51.60 13.00 5.00 WSI06024E-4R7M 4.70 45.00 63.00 9.00 4.50 WSI06024E-5R6M 5.60 66.00 73.00 8.00 4.00 WSI06024E-6R8M 6.80 72.50 95.00 7.00 3.60 WSI06024E-8R2M 8.20 84.00 106.00 6.50 3.00 WSI06024E-100M 10.00 116.00 129.00 6.00 2.50 * Test Condition: @100KHz, 1.0Vrms, 25℃ Ambient * M=Tolerance=±20% * Irms: Rated Current Loading when temperature rise approximately 40℃. * Isat: Saturated Current measured at the point of L drop approximately 20% Part Number Inductance (uH) DCR (mΩ) Typ. DCR (mΩ)Max. Isat (A) Max. Irms (A) Max. WSI06030E-R10M 0.10 1.50 1.70 60.00 32.50 WSI06030E-R15M 0.15 1.90 2.50 52.00 26.00 WSI06030E-R20M 0.20 2.40 3.00 41.00 24.00 WSI06030E-R22M 0.22 2.50 2.80 40.00 23.00 WSI06030E-R33M 0.33 3.50 3.90 30.00 20.00 WSI06030E-R47M 0.47 4.00 4.20 26.00 17.50 WSI06030E-R56M 0.56 5.00 5.50 25.00 15.50 WSI06030E-R68M 0.68 5.00 5.50 25.00 15.50 WSI06030E-R82M 0.82 6.70 8.00 24.00 13.00 WSI06030E-1R0M 1.00 9.00 10.00 22.00 11.00 WSI06030E-1R5M 1.50 14.00 15.00 18.00 9.00 WSI06030E-2R2M 2.20 18.00 20.00 14.00 8.00 WSI06030E-3R3M 3.30 28.00 30.00 13.50 6.00 WSI06030E-4R7M 4.70 37.00 40.00 10.00 5.50 WSI06030E-6R8M 6.80 54.00 60.00 8.00 4.50 WSI06030E-8R2M 8.20 64.00 68.00 7.50 4.00 WSI06030E-100M 10.00 102.00 105.00 7.00 3.00 * Test Condition: @100KHz, 1.0Vrms, 25℃ Ambient * M=Tolerance=±20% * Irms: Rated Current Loading when temperature rise approximately 40℃. * Isat: Saturated Current measured at the point of L drop approximately 20% |