| Zakładka z wyszukiwarką danych komponentów |
|
LTC2414IGN Arkusz danych(PDF) 15 Page - Linear Technology |
|
|
|||||||||||||||||||||||||||||
LTC2414IGN Arkusz danych(HTML) 15 Page - Linear Technology |
|
15 / 48 page ![]() LTC2414/LTC2418 15 241418fa Table 2. Channel Selection for the LTC2418 MUX ADDRESS CHANNEL SELECTION ODD/ SGL SIGN A2 A1 A0 0 123456789 10 11 12 13 14 15 COM * 000 0 0 IN+ IN– 000 0 1 IN+ IN– 000 1 0 IN+ IN– 000 1 1 IN+ IN– 001 0 0 IN+ IN– 001 0 1 IN+ IN– 001 1 0 IN+ IN– 001 1 1 IN+ IN– 010 0 0 IN– IN+ 010 0 1 IN– IN+ 010 1 0 IN– IN+ 010 1 1 IN– IN+ 011 0 0 IN– IN+ 011 0 1 IN– IN+ 011 1 0 IN– IN+ 011 1 1 IN– IN+ 100 0 0 IN+ IN– 100 0 1 IN+ IN– 100 1 0 IN+ IN– 100 1 1 IN+ IN– 101 0 0 IN+ IN– 101 0 1 IN+ IN– 101 1 0 IN+ IN– 101 1 1 IN+ IN– 110 0 0 IN+ IN– 110 0 1 IN+ IN– 110 1 0 IN+ IN– 110 1 1 IN+ IN– 111 0 0 IN+ IN– 111 0 1 IN+ IN– 111 1 0 IN+ IN– 111 1 1 IN+ IN– *Default at power up APPLICATIO S I FOR ATIO Output Data Format The LTC2414/LTC2418 serial output data stream is 32 bits long. The first 3 bits represent status information indicat- ing the sign and conversion state. The next 23 bits are the conversion result, MSB first. The next 5 bits (Bit 5 to Bit 1) indicate which channel the conversion just performed was selected. The address bits programmed during this data output phase select the input channel for the next conver- sion cycle. These address bits are output during the sub- sequent data read, as shown in Figure 3b. The last bit is a |