Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

PJ-085AH Arkusz danych(PDF) 2 Page - CUI Devices

Numer części PJ-085AH
Szczegółowy opis  DC POWER JACK
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  CUID [CUI Devices]
Strona internetowa  https://www.cuidevices.com/
Logo CUID - CUI Devices

PJ-085AH Arkusz danych(HTML) 2 Page - CUI Devices

  PJ-085AH Datasheet HTML 1Page - CUI Devices PJ-085AH Datasheet HTML 2Page - CUI Devices PJ-085AH Datasheet HTML 3Page - CUI Devices PJ-085AH Datasheet HTML 4Page - CUI Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
CUI DEVICES | MODEL: PJ-085AH | DESCRIPTION: DC POWER JACK
date 05/19/2023 | page 2 of 4
cuidevices.com
MECHANICAL DRAWING
Recommended PCB Layout
Top View
units: mm
tolerance:
X.X ±0.50 mm
X.XX ±0.30 mm
X.XXX ±0.15 mm
PCB: ±0.05 mm
DESCRIPTION
MATERIAL
PLATING/COLOR
center pin
brass
nickel
terminal 1
brass
silver
terminal 2
phosphor bronze
silver
terminal 3
brass
silver
terminal 4
phosphor bronze
silver
shield A
brass
nickel
shield B
stainless steel
clean
housing
PA10T (UL94V-0)
black
SCHEMATIC
Model
PJ-085AH
Center Pin
Ø2.0 mm
MATING PLUG
Jack Insertion Depth: 9.2 mm
Additional Resources: Product Page | 3D Model | PCB Footprint



Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com