Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

EM5845VT Arkusz danych(PDF) 11 Page - Excelliance MOS Corp.

Numer części EM5845VT
Szczegółowy opis  5V, 3.5A, 1MHz, High Efficiency COT Mode Synchronous Buck Converter
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  EXCELLIANCE [Excelliance MOS Corp.]
Strona internetowa  http://www.excelliancemos.com/
Logo EXCELLIANCE - Excelliance MOS Corp.

EM5845VT Arkusz danych(HTML) 11 Page - Excelliance MOS Corp.

Back Button EM5845VT Datasheet HTML 5Page - Excelliance MOS Corp. EM5845VT Datasheet HTML 6Page - Excelliance MOS Corp. EM5845VT Datasheet HTML 7Page - Excelliance MOS Corp. EM5845VT Datasheet HTML 8Page - Excelliance MOS Corp. EM5845VT Datasheet HTML 9Page - Excelliance MOS Corp. EM5845VT Datasheet HTML 10Page - Excelliance MOS Corp. EM5845VT Datasheet HTML 11Page - Excelliance MOS Corp. EM5845VT Datasheet HTML 12Page - Excelliance MOS Corp. EM5845VT Datasheet HTML 13Page - Excelliance MOS Corp.  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
2016/02/24
A.2
11
EM5845
Functional Description
Power Good Indicator
The power good output is an open-drain output
which requires a pull-up resistor. When the output
voltage is 10% below the nominal voltage, PG is
pulled low. It is held low until the output voltage
returns to the nominal voltage. PG is held low
during soft-start and activated about 1ms after
output voltage reaches its regulation.
Over Temperature Protection
Over thermal protection limits the total power
dissipation in the device, when the junction
temperature exceeds 150℃, an internal thermal
sensor shut down the device and allowing the IC to
cooling down. The device will turn on again after
the junction temperature cools by 25℃.
Switching Frequency Variation
The switching frequency varies with load current as
a results of the power losses in the MOSFETs and
the inductor. For a traditional PWM constant
frequency converter, as the load increases the duty
cycle also increases slightly to compensate for total
losses in the integrated MOSFETs and DCR losses in
the inductor. A constant on time control converter
must also compensate this kind of losses. The on
time is essentially fixed for a given Vo and VIN
combination, to compensate the losses the
off-time will tend to reduce slightly by constant on
time loop controlled as load increases. For this
reason, the switching frequency increases slightly
with increasing load.
Application Information
Input Capacitor Selection
The first objective in selecting input capacitors is to
reduce the ripple voltage amplitude seen at the
input of the converter. Ceramic capacitors placed
right at the input of the regulator reduce ripple
voltage. These capacitors must be placed close to
the converter input pins to be effective. High
quality ceramic input capacitor, such as X5R or X7R
and greater than 10uF are recommended for the
input capacitor due to more stable temperature
characteristic.
The input ripple voltage of converter is decided by
the value of input capacitance. Input ripple voltage
△
Vin can be calculated by the following equation.
IN
SW
IN
O
Max
IN
V
F
C
V
Io
V
)
(
The RMS current rating of the input capacitor
should be larger than the following equation.
)
1
(
D
D
I
I
O
RMS
Inductor Selection
For a given input and output voltage, the inductor
value and switching frequency determine the
inductor ripple current. The ripple current increases
with
higher
VIN
and
decreases with
high
inductance, the lower the ripple current reduces
the core losses in the inductor, and output ripple
voltage. A good starting point for selecting the
ripple current is
)
(
3
.
0
MAX
O
L
I
I
, so the inductor
value should be chosen according to the following
equation:
)
1
(
)
(
)
(
IN
O
MAX
L
SW
O
V
V
I
F
V
L
When selecting an inductor, make sure that it is
capable of supporting the peak output current
without saturating. Inductor saturation will result in
a sudden reduction in inductance that may cause
the unstable operation.
Output Voltage Setting Resistor Selection
The device with an external adjustable output
voltage, the output voltage is programmed by an
external resistor divider connected from VO to VFB
and then to AGND, as shown in the typical
application schematic. The programmed output
voltage is below,
)
1
(
2
1
R
R
V
V
FB
O
Where VFB is equal to the internal reference voltage
0.6V, R1 is the resistance from Vo to FB, R2 is from
VFB to AGND, and increases the quiescent current
by R1 and R2, so larger resistance is desirable,
select the R2 no larger than 200kΩis preferable.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13